Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652BBC Datasheet(PDF) 62 Page - Analog Devices

Part # AD6652BBC
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652BBC Datasheet(HTML) 62 Page - Analog Devices

Back Button AD6652BBC Datasheet HTML 58Page - Analog Devices AD6652BBC Datasheet HTML 59Page - Analog Devices AD6652BBC Datasheet HTML 60Page - Analog Devices AD6652BBC Datasheet HTML 61Page - Analog Devices AD6652BBC Datasheet HTML 62Page - Analog Devices AD6652BBC Datasheet HTML 63Page - Analog Devices AD6652BBC Datasheet HTML 64Page - Analog Devices AD6652BBC Datasheet HTML 65Page - Analog Devices AD6652BBC Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
AD6652
Rev. 0 | Page 62 of 76
individual magnitudes. When this bit is 1, then the I and Q data
is a complex floating-point number, where I and Q use a single
exponent that is determined based on the maximum magnitude
of I or Q.
Bit 6 is used to force the output scale factor in Bits 3–0 of this
register to be used to scale the data even when one of the
floating-point output modes is used. If the number is too large
to represent with the output scale chosen, then the mantissas of
the I and Q data clip do not overflow.
Normally, the AD6652 determines the exponent value that
optimizes numerical accuracy. However, if Bit 6 is set, the value
stored in Bits 3–0 is used to s
consistent scaling and accura
redictable output ranges.
on.
cale the output. This ensures
cy during conditions that warrant
p
Bits 5 and 4 choose the output formatting option used by the
RCF data. The options are defined in the Table 27 and are
discussed further in the Output Port Control Registers secti
Table 27. Output Formats
Bit Value
Output Formatting Option
1x
12-bit mantissa and 4-bit exponent (12 + 4)
01
8-bit mantissa and 4-bit exponent (8 + 4)
00
Fixed point mode
Bits 3–0 of this register represent the output scale factor of the
r
actor is equal to
+72.25 dB.
To
ld be set high. Then 16 bits of I
data can be read through the microport in either the 8 + 4,
0xA6: BIST Register for Q
This register serves two purposes. The first is to allow the
complete functionality of the Q data path in the channel to be
tested in the system. See the User-Configurable Built-In Self-
Test (BIST) section for further details. The second function is to
provide access to the Q output data through the microport. To
accomplish this, the Map RCF Data to BIST bit in the RCF
Control Register 2, 0xA9, should be set high. Then 16 bits of Q
data can be read through the microport in either the 8 + 4,
12 + 4, 12-bit linear, or 16-bit linear output modes. This data
can come from either the formatted RCF output or the
CIC5 output.
This 20-bit register controls the number of outputs of the RCF
rmed.
6
utputs and then terminate. The loading
gine running. For details
lt-
to test the memories of the AD6652, if
gister
pped
Q.
nd
n
RCF. The scale factor is used to scale the data when the output
format is in fixed-point mode or when the force exponent bit is
high. If Bits 3–0 are represented by RCF scale, the scaling facto
in dB is given by
dB
Scale
RCF
Factor
Scaling
)
2
(
log
20
)
3
(
10
×
−
=
For an RCF scale of 0, the scaling factor is equal to −18.06 dB;
for a maximum RCF scale of 15, the scaling f
0xA5: BIST Register for I
This register serves two purposes. The first is to allow the
complete functionality of the I datapath in the channel to be
tested in the system. See the User-Configurable Built-In Self-
Test (BIST) section for details. The second function is to
provide access to the I output data through the microport.
accomplish this, the Map RCF Data to BIST bit in the RCF
Control Register 2, 0xA9, shou
12 + 4, 12-bit linear, or 16-bit linear output modes. This data
can come from either the formatted RCF output or the
CIC5 output.
0xA7: BIST Outputs to Accumulate
or CIC filter that are observed when a BIST test is perfo
The BIST signature registers at Addresses 0xA5 and 0xA
observe this number of o
of this register also starts the BIST en
on utilizing the BIST circuitry, see the User-Configurable Bui
In Self-Test (BIST) section.
0xA8: RAM BIST Control Register
This 3-bit register is used
a failure is suspected. Bit 0 of this register is written with a
1 when the channel is in sleep mode. The user waits for
1600 CLKs, and then polls the bits. If Bit 1 is high, then the
CMEM failed the test; if Bit 2 is high, then the data memory
used by the RCF failed the test.
0xA9: Output Control Re
Bit 9 of this register allows the RCF or CIC5 data to be ma
to the BIST registers at Addresses 0xA5 and 0xA6. When this bit
is 0, then the BIST register is in signature mode and ready for a
self-test to be run. When this bit is 1, then the output data from
the RCF (after formatting) or from CIC5 data is mapped to
these registers and can be read through the microport.
Bit 5 determines the word length used by the parallel port. If
this bit is 0, then the parallel port uses 12-bit words for I and
If this bit is 1, then the parallel port uses 16-bit words for I a
Q. When the fixed-point output option is chosen from the RCF
control register, then these bits also set the rounding correctly i
the output formatter of the RCF.
Bits 4–0 are reserved and should be written low when
programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com