Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652BBC Datasheet(PDF) 48 Page - Analog Devices

Part # AD6652BBC
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652BBC Datasheet(HTML) 48 Page - Analog Devices

Back Button AD6652BBC Datasheet HTML 44Page - Analog Devices AD6652BBC Datasheet HTML 45Page - Analog Devices AD6652BBC Datasheet HTML 46Page - Analog Devices AD6652BBC Datasheet HTML 47Page - Analog Devices AD6652BBC Datasheet HTML 48Page - Analog Devices AD6652BBC Datasheet HTML 49Page - Analog Devices AD6652BBC Datasheet HTML 50Page - Analog Devices AD6652BBC Datasheet HTML 51Page - Analog Devices AD6652BBC Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
AD6652
Rev. 0 | Page 48 of 76
c
plished with the following method. Refer to Figure 53
to assist in following this process.
1.
Place the channels to be programmed in sleep mode. The
AD6652 RESET
Start with Pin Sync
The AD6652 provides four SYNC pins. A, B, C, and D, which are
used for very accurate channel synchronization. Each DDC
channel can be programmed to respond to any or all four syn
pins. Synchronization of start with one of the external sync pins
is accom
pin places all four DDC processing
channels in sleep mode when toggled low momentarily.
2.
Write the start hold-off counter(s) (0x83) to a value from 1
to 216 − 1. If the chip or channels have not been completely
programmed, write all other registers now.
3.
Set the Start_En bit high (External Address 4:4) and choose
which Pin Sync_En bits (External Address 4:3–0) are to be
used. Write the bit high to enable it.
4.
Set the sync input select bits for each active channel. This is
done at Address 0x88:8–7. Table 20 is the truth table for
these bits.
Table 20. Truth Table
0x88:8
0x88:7
Sync Pin Selected
0
0
A
0
1
B
1
0
C
1
1
D
After programming is complete and when the external si
attached to the selected sync p
gnal
in goes high, this triggers the start
r
-off counter unless First Sync Only,
s 4:6 is set to logic high. When high, only the
ed
at
pin
NCO
Sync
The AD6652 includes the ability to synchronize a change in
NCO frequency o
g the
microport. The NC
er (0x84) in
onjunction with the hop bit and the sync bit (External
ddress 4) allows this synchronization. Basically, the NCO
equency hold-off counter delays the new frequency from
being loaded into the NCO by its value (number of AD6652
CLKs). Use the following method to synchronize a hop in
frequency of multiple channels via microprocessor control:
1.
Write the NCO frequency hold-off counter (0x84) to the
appropriate value (greater than 0 and less then 216).
2.
Write the NCO Frequency Register(s), 0x85 and 0x86, to
the new desired frequency.
3.
Write the hop bit and the applicable channel sync bit(s)
high at External Address 5.
This triggers the frequency hold-off counter(s) to begin their
count. The counters are clocked with the AD6652 CLK signal.
When it reaches a c
cy data is
the working register of
channels do not need to
at
s the programming as set in
:5–4. The user can control the
hold-off counter of the chosen channel(s). The hold-off counte
begins counting using the AD6652 CLK signal. When it reaches
a count of 1, the sleep bit of the selected channel(s) is set low to
awaken the channel(s). Each Pin Sync logic high initiates a new
trigger event for the hold
External Addres
first sync signal is recognized and any others are disregard
until First Sync Only is reset.
Note: Each channel has a redundant pin-sync control register
Address 0x82. This register mimics the programming as set in
External Memory Address 4:6–4. The user can control the
sync function of a DDC channel by writing to Registers 0x82
and 0x88:8–7, if it is advantageous to do so in the application.
The time from when the pin sync goes high to when the DDC
channel resumes processing is equal to the time period set up by
the start hold-off counter value at 0x83 plus 3 CLK cycles.
HOP
Hop is a change from one NCO frequency to a new
frequency. This can apply to a single channel or multiple
channels and can be synchronized via microprocessor control
(soft sync) or an external sync signal (pin sync), as described in
the following sections. Awakening the channel from sleep mode
generates an internal start command that performs both hop
and start functions as if a soft-sync or pin-sync had been
received.
Hop with Soft
f multiple channels or chips usin
O frequency hold-off count
c
A
fr
ount of 1, the new frequen
transferred from the shadow register to
the NCO. Unlike the start function, the
be placed in sleep mode to achieve a frequency hop.
Note: Each channel has a redundant soft-sync control register
Address 0x81. This register mimic
the External Memory Address 5
soft-sync function of a DDC channel by writing to the 0x81
register, if it is advantageous to do so in the application.
The time from when the DTACK pin goes high (which
acknowledges the receipt of the soft sync command data) to
when the DDC channel begins processing data is equal to th
time period set up by the frequency or hop
e
hold-off counter
value at 0x84 plus 7 CLK cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com