Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652BBC Datasheet(PDF) 34 Page - Analog Devices

Part # AD6652BBC
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652BBC Datasheet(HTML) 34 Page - Analog Devices

Back Button AD6652BBC Datasheet HTML 30Page - Analog Devices AD6652BBC Datasheet HTML 31Page - Analog Devices AD6652BBC Datasheet HTML 32Page - Analog Devices AD6652BBC Datasheet HTML 33Page - Analog Devices AD6652BBC Datasheet HTML 34Page - Analog Devices AD6652BBC Datasheet HTML 35Page - Analog Devices AD6652BBC Datasheet HTML 36Page - Analog Devices AD6652BBC Datasheet HTML 37Page - Analog Devices AD6652BBC Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
AD6652
Rev. 0 | Page 34 of 76
umulator is cleared
et is
e beginning phase for the new
frequ ncy.
Reserved Bits
put
en Input Port B is
connected to the selected filter channel. If this bit is cleared,
then Input Port A is connected to the
lected filter channel.
Sync Pin Select
Bits 7 and 8 of the NCO control register determine which
t.
ync pins: SYNCA, SYNCB, SYNCC, and
be enabled in
nal
o
a
h
b
u
el
ecifi
al
in.
ble
r
g
el
ss R
ts to
se a
n
Se
NC
dre
x8
Ad
Bit 0x88:7
ted
c Pin
Clear Phase Accumulator on Hop
When Bit 3 is logic high, the NCO phase acc
(set to all zeros) at the beginning of the next frequency change.
This ensures a consistent phase of the NCO on each hop by
defeating the phase continuous feature. The NCO phase offs
unaffected by this setting. If phase continuous hopping is
desired, this bit should be cleared so that the last phase in the
NCO phase register becomes th
e
Bits 4 and 5 are reserved and should be written to Logic 0.
Input Select
Bit 6 of the NCO control register at Address 0x88 controls in
port selection. If this bit is set high, th
se
external sync pin (if any) is assigned to the channel of interes
The AD6652 has four s
SYNCD. Any sync pin can be assigned to any or all four receiver
channels of the AD6652; however, a channel can have only one
o
sync pin assigned to it. The sync pin(s) must als
the PIN_SYNC control register at Address 4 of the exter
mem ry map. T ble 13 s ows the it values sed to s ect a
sp
c extern sync p
Ta
13. Prog ammin Chann Addre
egister (CAR)
Bi
Choo
Sync Pi for a
lected
O
Ad
ss/Bit 0
8:8
dress/
Selec
Syn
0
0
A
SYNC
0
1
B
SYNC
1
0
C
SYNC
1
1
SYNCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com