Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652BBC Datasheet(PDF) 67 Page - Analog Devices

Part # AD6652BBC
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652BBC Datasheet(HTML) 67 Page - Analog Devices

Back Button AD6652BBC Datasheet HTML 63Page - Analog Devices AD6652BBC Datasheet HTML 64Page - Analog Devices AD6652BBC Datasheet HTML 65Page - Analog Devices AD6652BBC Datasheet HTML 66Page - Analog Devices AD6652BBC Datasheet HTML 67Page - Analog Devices AD6652BBC Datasheet HTML 68Page - Analog Devices AD6652BBC Datasheet HTML 69Page - Analog Devices AD6652BBC Datasheet HTML 70Page - Analog Devices AD6652BBC Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 76 page
background image
AD6652
Rev. 0 | Page 67 of 76
Comments
Address
Register
Bit Width
3:
Sync now
2:
Init on Sync
1:
First sync only
0:
Bypass
13
AGC B Hold-Off Counter
16
15–0:
Hold-off value
14
AGC B Desired Level
8
7–0:
Desired output power level or clipping energy (R parameter)
15
AGC B Signal Gain
12
11–0:
Gs parameter
16
AGC B Loop Gain
8
7–0:
K parameter
17
AGC B Pole Location
8
7–0:
P parameter
18
AGC B Average Samples
6
5–2:
Scale for CIC decimator
1–0:
Number of averaging samples
19
AGC B Update Decimation
12
11–0:
CIC decimation
1A
Parallel A Control
8
7–6:
Reserved
5:
Parallel port data format
1:
8-bit parallel I, Q
0:
16-bit interleaved I, Q
4:
Channel 3
3:
Channel 2
2:
Channel 1/AGC B enable
1:
Channel 0/AGC A enable
0:
AGC_CH select
1:
Data comes from AGCs
0:
Data comes from channels
1B
Link A Control
8
7:
Link Port A enable
6–3:
Wait
2:
No RSSI word
1:
Don’t output RSSI word
0:
Output RSSI word
1:
Channel data interleaved
1:
2-channel mode/separate AB
0:
4-channel mode/AB same port
0:
AGC_CH select
1:
Data comes from AGCs
0:
Data comes from channels
1C
Parallel B Control
8
7–6:
Reserved
5:
Parallel port data format
1:
8-bit parallel I, Q
0:
16-bit interleaved I, Q
4:
Channel 3
3:
Channel 2
2:
Channel 1/AGC B enable
1:
Channel 0/AGC A enable
0:
AGC_CH select
1:
Data comes from AGCs
0:
Data comes from channels
1D
Link B Control
8
7:
Link Port B enable
6–3:
Wait
2:
No RSSI word
1:
Do not output RSSI word
0:
Output RSSI word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com