Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652BBC Datasheet(PDF) 50 Page - Analog Devices

Part # AD6652BBC
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652BBC Datasheet(HTML) 50 Page - Analog Devices

Back Button AD6652BBC Datasheet HTML 46Page - Analog Devices AD6652BBC Datasheet HTML 47Page - Analog Devices AD6652BBC Datasheet HTML 48Page - Analog Devices AD6652BBC Datasheet HTML 49Page - Analog Devices AD6652BBC Datasheet HTML 50Page - Analog Devices AD6652BBC Datasheet HTML 51Page - Analog Devices AD6652BBC Datasheet HTML 52Page - Analog Devices AD6652BBC Datasheet HTML 53Page - Analog Devices AD6652BBC Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 76 page
background image
AD6652
Rev. 0 | Page 50 of 76
UTPUT PORTS
rts
t
PARALLEL O
The AD6652 incorporates two independent 16-bit parallel po
for output data transfer. To minimize package ball count, the
eight LSBs of each 16-bit port are shared with their respective
DSP link port data bits (see Figure 54). This means that an
output port can transmit 16-bit parallel data or 8-bit link por
data, but not both. Transmitting both link and parallel data
simultaneously requires that the second AD6652 output port be
configured for that purpose.
(SHARED PINS)
8
LINK PORT A CLOCK OUT
LINK PORT A CLOCK IN
PCLK
LINK PORT A DATA OR 8 LSB'S
OF PARALLEL PORT A DATA
/
PCLK
PARALLEL PORT B MSB DATA
PARALLEL PORT B ACK
PARALLEL PORT B REQ
PA
CHANNEL INDICATOR
TA OR 8 LSB'S
OF PARALLEL PORT B DATA
(SHARED PINS)
/
8
/
8
nel A
• Interpolated, interleaved, and r AGC modified Channel B
data
be output on any port(s). A port can
put
ck master/slave mode (described in
he
s
n
l
ither
Parallel Port Control Register 0x1A (Port A) and 0x1C (Port B).
Channel mode provides two data formats. Each format requires
a different number of parallel port clock (PCLK) cycles to
complete the transfer of data. In each case, each data element is
transferred during one PCLK cycle. See Figure 55 and Figure 56,
which present channel mode parallel port timing.
The 16-bit interle
data for each
is
te
ata is on the bus. Q data is output during the subsequent
PCLK cycle; the PAIQ and PBIQ output indicator pins are low
durin this cycle.
PARALLEL PORT A MSB DATA
PARALLEL PORT A ACK
PARALLEL PORT A REQ
PARALLEL PORT A
CHANNEL INDICATOR
PARALLEL PORT A
I AND Q INDICATOR
/
8
/
2
LINK PORT B CLOCK OUT
LINK PORT B CLOCK IN
LINK PORT B DA
RALLEL PORT B
/
2
PARALLEL PORT B
I AND Q INDICATOR
Figure 54. Output Port Configuration
Each parallel output port has six data sources routed to it (see
the Functional Block Diagram in Figure 1):
• Noninterpolated RAM coefficient FIR filter output data from
Channels 1, 2, 3, and 4
• Interpolated, interleaved, and/or AGC modified Chan
data
/o
Any of the six sources can
be configured to output parallel data or DSP link data. Out
port control registers (Table 29) perform these multiplexing and
selection tasks.
Parallel port configuration is specified by accessing Port
Control Register Addresses 0x1A and 0x1C for Parallel Ports A
and B, respectively. Port clo
the Master/Slave PCLK Modes section) is configured using t
port clock control register at Address 0x1E. Note that to acces
these registers, Bit 5 (access port control registers) of External
Address 3 (sleep register) must be set. The address is the
selected by programming the CAR register at External
Address 6.
The parallel ports are enabled by setting Bit 7 of the link contro
registers at Addresses 0x1B and 0x1D for Ports A and B,
respectively. Each parallel port is capable of operating in e
channel mode or AGC mode. These modes are described in
detail in the following sections.
CHANNEL MODE
Parallel port channel mode is selected by setting Bit 0 of
Addresses 0x1B and 0x1D for Parallel Ports A and B, respec-
tively. In channel mode, I and Q words from each channel are
directed to the parallel port, bypassing the AGC. The specific
channels output by the port are selected by setting Bits 1–4 of
aved format provides I and Q
output sample on back-to-back PCLK cycles. Both I and Q
words consist of the full port width of 16 bits. Data output
triggered on the rising edge of PCLK when both REQ and ACK
are asserted. I data is output during the first PCLK cycle; the
PAIQ and PBIQ output indicator pins are set high to indica
that I d
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com