Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652BBC Datasheet(PDF) 52 Page - Analog Devices

Part # AD6652BBC
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652BBC Datasheet(HTML) 52 Page - Analog Devices

Back Button AD6652BBC Datasheet HTML 48Page - Analog Devices AD6652BBC Datasheet HTML 49Page - Analog Devices AD6652BBC Datasheet HTML 50Page - Analog Devices AD6652BBC Datasheet HTML 51Page - Analog Devices AD6652BBC Datasheet HTML 52Page - Analog Devices AD6652BBC Datasheet HTML 53Page - Analog Devices AD6652BBC Datasheet HTML 54Page - Analog Devices AD6652BBC Datasheet HTML 55Page - Analog Devices AD6652BBC Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
AD6652
Rev. 0 | Page 52 of 76
PCLKn
tDPREQ
PxREQ
PxACK
tDPP
Px[15:0]
I[15:0]
Q[15:0]
PxIQ
PxCH[1:0]
PxCH[0] = AGC #
PxCH[1] = 0
RSSI[11:0]
PxCH[0] = AGC #
PxCH[1] = 1
tDPIQ
tDPCH
Figure 58. AGC with RSSI Word
AVE PCLK MODES
e paralle
slave mode. The
de is set
s 0x1E).
he paralle
rts power up in slave mode to avoid possible
ntentions n the PCLK pin.
n master m de, PCLK is an output whose frequency is the
lo k frequency divided by the PCLK divisor. Because
lues for PCLK_divisor[2:1] can range from 0 to 3, integer
ors of
2, 4,or 8, respectively, can be obtained. Because the
um c
hest
CK rate in mas
ode is
elected by setting Bit 0 of Address 0x1E.
n slave mo e, external circuitry provides the PCLK signal.
lave-mode PCLK signals can be either synchronous or
nchrono s. The maximum slave-mode PCLK frequency is
z.
PARALLEL PORT PIN FUNCTIONS
n
ative to the AD6652 CLK. This pin powers up
as an input to avoid possible contentions. Other port outputs
ange on the rising edge of PCLK.
REQ
Active high output, synchronous to PCLK. A logic high on this
s that data is available to be shifted out of the port.
gic hig
igh until all pending data has been
ted out
K
hig
ronous input. Applying a logic low on this
hibit
el port data shifting. Applying a logic high to
pin wh
is high causes the parallel port to shift out
accor
med data mode. PxACK is
pled o
lling edge of PCLK. Data is shifted out on the
ising
f PCLK after PxACK is sampled. PxACK can
eld hig
ly. In this case, when data becomes
ilable, s
s 1 PCLK cycle after the assertion of
Q (see F
igure 58).
h when
ent on the port output, otherwise
.
H[1:0
:0]
ese pins
ata in both data modes. In channel
de, thes
it binary number identifying the
rce cha
t data word. In AGC mode, [0]
icates t
= AGC A, 1 = AGC B), and [1]
tes w
is I/Q data (0) or a gain
d (1).
15:0],
lel ou
ts. Contents and format are mode-
endent.
MASTER/SL
Th
l ports operate in either master or
mo
via the port clock control register (Addres
T
l po
co
o
I
o
AD6652 c c
va
divis
1,
maxim
L
lock rate of the AD6652 is 65 MHz, the hig
ter mode is also 65 MHz. Master m
P
s
I
d
S
asy
u
100 MH
PCLK
Input/output. As an output (master mode), the maximum
frequency is CLK/n, where CLK is the AD6652 clock and n is a
integer divisor 1, 2, 4 or 8. As an input (slave mode), it might be
asynchronous rel
ch
pin indicate
A lo
h value remains h
shif
.
PxAC
Active
h asynch
pin in
s parall
this
en REQ
data
ding to the program
sam
n the fa
next r
edge o
be h
h continuous
ava
hifting begin
RE
igure 55 to F
PAIQ, PBIQ
Hig
ever I data is pres
low
PAC
], PBCH[1
Th
serve to identify d
mo
e pins form a 2-b
sou
nnel of the curren
ind
he AGC source (0
indica
hether the current data word
wor
PA[
PB[15:0]
Paral
tput data por
dep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com