Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652BBC Datasheet(PDF) 45 Page - Analog Devices

Part # AD6652BBC
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652BBC Datasheet(HTML) 45 Page - Analog Devices

Back Button AD6652BBC Datasheet HTML 41Page - Analog Devices AD6652BBC Datasheet HTML 42Page - Analog Devices AD6652BBC Datasheet HTML 43Page - Analog Devices AD6652BBC Datasheet HTML 44Page - Analog Devices AD6652BBC Datasheet HTML 45Page - Analog Devices AD6652BBC Datasheet HTML 46Page - Analog Devices AD6652BBC Datasheet HTML 47Page - Analog Devices AD6652BBC Datasheet HTML 48Page - Analog Devices AD6652BBC Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 76 page
background image
AD6652
Rev. 0 | Page 45 of 76
ST (BIST)
self-
hich is intended to test the integrity of the high speed
ain
s feature provides a simple pass/fail test, which gives
el RAM is operational. Follow these
est:
t at
, the
3-Bi
Data MEM
USER-CONFIGURABLE BUILT-IN SELF-TE
The AD6652 includes two built-in test features to test the
integrity of each channel. The first is a RAM BIST (built-in
test), w
random access memory within the AD6652. The second is
channel BIST, which is designed to test the integrity of the m
signal paths of the AD6652. The BIST functions are independ-
ent of each other and can be operated simultaneously.
RAM BIST
Use the RAM BIST to validate functionality of the on-chip
RAM. Thi
confidence that the chann
steps to perform this t
1.
Put the channels to be tested into sleep mode via the
External Address Register 0x01.
2.
Program the RAM BIST enable bit in the RCF Register
0xA8 of the channel address registers to logic high. Wai
least 1600 clock cycles, then perform Step 3.
3.
Read back Register 0xA8 (see Table 19). If Bit 0 is high
test is not yet complete. If Bit 0 is low, the test is complete
and Bits 1 and 2 indicate the condition of the internal
RAM. If Bit 1 is high, then CMEM is bad. If Bit 2 is high,
then DMEM is bad.
Table 19. BIST Register 0xA8
t Data
Coefficient MEM
xx1
Test incomplete
Test incomplete
000
PASS
PASS
010
FAIL
PASS
100
PASS
FAIL
110
FAIL
FAIL
CHANNEL BIST
The channel BIST is a thorough test of the selected AD6652
un to
tly.
nel 0 in sleep mode.
2.
Configure the channels to be tested as required for the
application. This might require setting the NCO
parameters, the decimation rates, scalars, and RCF
coefficients.
3.
Program the start hold-off counter, 0x83, to a value of 1 in
the channel address registers of the channels to be tested.
4.
Program Channel Address Registers 0xA5 and 0xA6 to all
0s for the channels to be tested.
5.
Enable the channel BIST located at 0xA7 by programming
Bits 19–0 to the number of RCF outputs to observe.
6.
For External Address Register 5:3–0, program the desired
SYNC CH bits to logic high to select which channels will
receive a start soft-sync signal.
7.
External Address Register 5:4 should be programmed high
to emit a one-shot soft sync pulse for the start function.
8.
Reset External Address Register 5:6 to 0 to allow user-
provided test vectors. The internal pseudorandom number
generator can also be selected to generate a PN data input
sequence by setting Bit 7 high.
9.
For External Address Register 5, an internal negative full-
scale sine wave is output at the NCO frequency, when Bit 6
is set to 1 and Bit 7 is cleared.
10. When the SOFT_SYNC control register is written with the
above parameters, the selected channels become active
with the programmed attributes.
11. If the user is providing external vectors, then the chip can
be brought out of sleep mode by one of the other methods.
12. After a sufficient amount of time, the channel BIST
Signature Registers 0xA5 and 0xA6 contain a numeric
value that can be compared to the expected value for a
known good AD6652 with the exact same configuration. If
the values are the same, then there is a very low probability
of an error in the channel.
Note: To better visualize these instructions, see Figure 53, Sync
Control Block Diagram; Table 22, the External Memory Map;
and Table 24, the Channel Address Registers Memory Map.
signal path. With this test mode enabled, it is possible to use
externally supplied test vectors or an internal pseudonoise (PN)
data generator. An error signature register in the RCF monitors
the output data of the channel and is used to determine if the
proper data exits the RCF. If errors are detected, then each
internal block can be bypassed and another test can be r
debug the fault. The I and Q paths are tested independen
Follow these steps to perform this test:
1.
Place the channel(s) to be programmed in sleep mode at
External Address 3:3–0. Set the appropriate bits high.
Example 3:0 = 1 places Chan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com