Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652BBC Datasheet(PDF) 66 Page - Analog Devices

Part # AD6652BBC
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652BBC Datasheet(HTML) 66 Page - Analog Devices

Back Button AD6652BBC Datasheet HTML 62Page - Analog Devices AD6652BBC Datasheet HTML 63Page - Analog Devices AD6652BBC Datasheet HTML 64Page - Analog Devices AD6652BBC Datasheet HTML 65Page - Analog Devices AD6652BBC Datasheet HTML 66Page - Analog Devices AD6652BBC Datasheet HTML 67Page - Analog Devices AD6652BBC Datasheet HTML 68Page - Analog Devices AD6652BBC Datasheet HTML 69Page - Analog Devices AD6652BBC Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 76 page
background image
AD6652
Rev. 0 | Page 66 of 76
ers
Comments
Table 29. Memory Map for Output Port Control Regist
Address
Register
Bit Width
08
LHB A Control Register
4
3:
LHB A enable1
2–1:
LHB A signal interleaving
11
All 4 channels
10
Channels 0, 1, 2
01
Channels 0, 1
00
Channel 0
0:
Bypass LHB A1
09
LHB B Control Register
3
2:
LHB B enable1
1:
LHB B signal interleaving
1:
Channels 2, 3
0:
Channel 2
0:
Bypass LHB B1
0A
AGC A Control Register
8
7–5:
Output word length
111
4 bits
110
5 bits
101
6 bits
100
7 bits
011
8 bits
010
10 bits
001
12 bits
000
16 bits
4:
Clipping error
1:
Maintain level of clipping error
0:
vel
Maintain output signal le
3:
Sync now
2:
Init on sync
1:
First sync only
0:
Bypass
0B
AGC A Hold-Off Counter
16
15–0:
Hold-off value
0C
AGC A Desired Level
8
7–0:
Desired output power level or clipping energy (R parameter)
0D
AGC A Signal Gain
12
11–0:
Gs parameter
0E
AGC A Loop Gain
8
7–0:
K parameter
0F
AGC A Pole Location
8
7–-0:
P parameter
10
AGC A Average Samples
6
5–2:
Scale for CIC decimator
1–0:
Number of averaging samples
11
AGC A Update Decimation
12
11–0:
CIC decimation ratio
12
AGC B Control Register
8
7–5:
Output word length
111
4 bits
110
5 bits
101
6 bits
100
7 bits
011
8 bits
010
10 bits
001
12 bits
000
16 bits
4:
Clipping error
1:
Maintain level of clipping error
0:
Maintain output signal level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com