Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652BBC Datasheet(PDF) 33 Page - Analog Devices

Part # AD6652BBC
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652BBC Datasheet(HTML) 33 Page - Analog Devices

Back Button AD6652BBC Datasheet HTML 29Page - Analog Devices AD6652BBC Datasheet HTML 30Page - Analog Devices AD6652BBC Datasheet HTML 31Page - Analog Devices AD6652BBC Datasheet HTML 32Page - Analog Devices AD6652BBC Datasheet HTML 33Page - Analog Devices AD6652BBC Datasheet HTML 34Page - Analog Devices AD6652BBC Datasheet HTML 35Page - Analog Devices AD6652BBC Datasheet HTML 36Page - Analog Devices AD6652BBC Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
AD6652
Rev. 0 | Page 33 of 76
TROLLED OSCILLATOR
of
two multipliers, I and Q, and a 32-bit complex numerically
contr lled oscillator (NCO). Each channel of the AD6652 has
pendent NCO. The NCO serves as a quadrature local
r capable of producing an NCO frequency between
86 is
signed integer. Use the following
e NCO frequency:
NUMERICALLY CON
FREQUENCY TRANSLATION TO BASEBAND
This processing stage comprises a digital tuner consisting
o
an inde
oscillato
−CLK
/2 and +CLK/2 with a resolution of CLK/232 in the complex
mode. The worst-case spurious signal from the NCO is better
than −100 dBc for all output frequencies.
The NCO frequency programmed in Registers 0x85 and 0x
interpreted as a 32-bit un
equation to calculate th
⎟
⎠
⎞
⎜
⎝
⎛
×
=
CLK
f
FREQ
NCO
32
2
_
where:
NCO_FREQ is a decimal number equal to the 32-bit binary
ed at 0x85 and 0x86.
CLK is the AD6652 DDC master clock rate (in Hz).
A shadow register generally precedes an active register. It holds
the next number to be used by the active egister whenever that
function’s hold-off counter causes the active register to be
-
ort.
ly from
’s
ER
lly
cy
)
arts counting down at the DDC CLK rate and, when it reaches
one, the new frequency value in the shadow register is written to
the active NCO frequency register.
etting
cy u
es.
E
E
e pha
et r
(0
dd
gra
le o
o
e phas
mu
f t
O. This 16-b
ter
r-
eted as a 16-bit
ed
r. A 0x0000 in this reg
rrespo
no
, an
FF
res
to
et
2π ra
Th
ster
m
NC
be
nchro
p
e o
wi
stan
n
e dif
ces.
O C
O
IS
he
con
gis
te
88
igu
ures
NC
ich
nt
n
han
Th
atu
n
ollo
sect
ass
To bypass the NCO of the AD6652, set Bit 0 of 0x88 high. When
the NCO is bypassed, down-con ersion is not performed, and
lex
-
digitized signal has already
been converted to baseband in prior analog stages or by other
f the NCO. To enable phase dither, set
e noise floor and spurious free
dynamic range is increased at the expense of slight decreases in
stem
urs are
or, then phase
t
ther
Amplitude dither can also be used to improve spurious
performance of the NCO. To enable amplitude dither, set Bit 2
of 0x88, which causes amplitude quantization errors to be
randomized within the angular-to-Cartesian conversion stage
of the NCO. This option reduces spurs at the expense of a
slightly raised noise floor and slightly reduced SNR. Amplitude
dither and phase dither can be used together, separately, or not
at all.
number to be programm
f is the desired NCO output frequency in Hz.
NCO SHADOW REGISTER
r
updated with the new value. Active registers are also updated
with the contents of a shadow register any time the channel is
brought out of sleep mode.
The NCO shadow register is updated during normal program
ming of the registers through the microport or serial input p
The active frequency register can receive update data on
the NCO shadow register. When software reads back an NCO
frequency, it is reading back the active frequency register and
not the shadow register.
NCO FREQUENCY HOLD-OFF REGIST
When the NCO frequency registers are written, data is actua
passed to a shadow register. Data can be moved to the active
register by one of two methods: when the channel comes out of
sleep mode or when a SYNC hop occurs. As a result of either
event, a count-down counter is loaded with an NCO frequen
hold-off value. The 16-bit unsigned integer counter (0x84
The NCO can be set up to update its frequency immediately
upon receipt of a HOP_SYNC or START_SYNC, with no
hold-off count, by setting the hold-off count value to 1. S
the hold-off count to zero prevents any frequen
pdat
PHAS OFFS T
Th
se offs
egister
x87) a
s a pro
mmab
ffset t
th
e accu
lator o he NC
it regis
is inte
pr
unsign
intege
ister
co
nds to
offset
d a 0x
FF cor
ponds
an offs
of
dians.
is regi
allows
ultiple
Os to
sy
nized to roduc
utputs
th con
t and k own
phas
feren
NC
ONTR L REG TER
Use t
NCO
trol re
ter loca d at 0x
to conf
re the
feat
of the
O, wh
are co rolled o a per c
nel
basis.
ese fe
res are described i the f
wing
ions.
Byp
v
the AD6652 channel functions simply as a real filter on comp
data. This feature is useful for baseband sampling applications,
where the A input is connected to the I signal path within the
filter and the B input is connected to the Q signal path. Bypass
ing the NCO might be desired, if the
digital preprocessing.
Phase Dither
The AD6652 provides a phase dither option for improving the
spurious performance o
Bit 1 of Register 0x88, which causes discrete spurs due to phase
truncation in the NCO to be randomized. The energy from
these spurs is spread into th
the SNR. The choice of whether to use phase dither in a sy
depends ultimately on the system goals. If lower sp
desired at the expense of a slightly raised noise flo
dither should be employed. If the lowest noise floor is desired
and higher spurs can be tolerated or filtered by subsequen
stages, then phase dither is not needed.
Amplitude Di
st



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com