Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652BBC Datasheet(PDF) 23 Page - Analog Devices

Part # AD6652BBC
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652BBC Datasheet(HTML) 23 Page - Analog Devices

Back Button AD6652BBC Datasheet HTML 19Page - Analog Devices AD6652BBC Datasheet HTML 20Page - Analog Devices AD6652BBC Datasheet HTML 21Page - Analog Devices AD6652BBC Datasheet HTML 22Page - Analog Devices AD6652BBC Datasheet HTML 23Page - Analog Devices AD6652BBC Datasheet HTML 24Page - Analog Devices AD6652BBC Datasheet HTML 25Page - Analog Devices AD6652BBC Datasheet HTML 26Page - Analog Devices AD6652BBC Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
AD6652
Rev. 0 | Page 23 of 76
ale
uist zones and alias onto itself. IF
sam
y the bandwidth of the input
HA (sample-and-hold amplifier) and clock jitter. (Jitter adds
g (Oversamp
rs when the
cy components o
low th
ist frequency (Fclo
g inp
e sampled
ut-of-Range Recovery Time
Out-of-range recovery time is th time it takes for the analog-
to-digital co
after a
transient fro
ove
negative full scale, or from 10% below negative full scale to 10%
below positive full scale.
Processing Gain
When the tuned channel occupies less bandwidth than the
input signal, this rejection of out-of-band noise is referred to as
processing gain. By using large decimation factors, this process-
ing gain can improve the SNR of the ADC by 20 dB or more.
The following equation can be used to estimate processing gain:
TERMINOLOGY
Crosstalk
Coupling onto one channel being driven by a (−0.5 dBFS) signal
when the adjacent interfering channel is driven by a full-sc
signal. Measurement includes all spurs resulting from both
direct coupling and mixing components.
IF Sampling (Undersampling)
Due to the effects of aliasing, an ADC is not necessarily limited
to Nyquist sampling. Frequencies above Nyquist are aliased and
appear in the first Nyquist zone (dc to Sample Rate/2). Care
must be taken to limit the bandwidth of the sampled signal so
that it does not overlap Nyq
pling performance is limited b
S
more noise at higher input frequencies.)
Nyquist Samplin
ling)
Oversampling occu
frequen
f the
analog input signal are be
e Nyqu
ck
/2),
and requires that the analo
ut frequency b
at least
two samples per cycle.
O
e
nverter (ADC) to reacquire the analog input
m 10% above positive full scale to 10% ab
⎥
⎦
⎤
⎢
⎣
⎡
=
Bandwidth
Filter
Rate
Sample
_Gain
Processing
_
2
_
log
10
Signal-to-Noise Ratio (SNR)
The ratio of the rms value of the measured input signal to the
rms sum of all other spectral components within the pro-
grammed DDC filter bandwidth, excluding the first six
harmonics
cibels (dB).
Two-Tone IMD Rejection
The ratio of the rms value of either input tone to the rms value
of the worst third-order intermodulation product; reported
in dBc.
and dc. The value for SNR is expressed in
de
ADC EQUIVALENT CIRCUITS
AVDD
Figure 35. Analog Input Circuit
AVDD
Figure 36. Digital Input
VDD
Figure 37. Digital Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com