Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6652BBC Datasheet(PDF) 61 Page - Analog Devices

Part # AD6652BBC
Description  12-Bit, 65 MSPS IF to Baseband Diversity Receiver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6652BBC Datasheet(HTML) 61 Page - Analog Devices

Back Button AD6652BBC Datasheet HTML 57Page - Analog Devices AD6652BBC Datasheet HTML 58Page - Analog Devices AD6652BBC Datasheet HTML 59Page - Analog Devices AD6652BBC Datasheet HTML 60Page - Analog Devices AD6652BBC Datasheet HTML 61Page - Analog Devices AD6652BBC Datasheet HTML 62Page - Analog Devices AD6652BBC Datasheet HTML 63Page - Analog Devices AD6652BBC Datasheet HTML 64Page - Analog Devices AD6652BBC Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
AD6652
Rev. 0 | Page 61 of 76
suit
scalar can be chosen. For
ils, see the Second
ection.
1: rCIC2 Interpol
)
s register is used to
ation in the rCIC2 fil
value written to th
inus
C2 interpolation can range from 1 to 512, dependin
pon the decimation o he rCIC2. There is no timing error
ciated with this in
ils, see the Secon
CIC Filter sect
C2 scale regist
is used to provide attenuation to
mpensate for the gai of the rCIC2 and to adjust the linea i-
zation of the data from the floating-point input. The use of this
ale register is influenced by the rCIC2 growth. For details, see
r,
ator,
ate for the
fth-Order CIC
− 1)
e
nus
p
d
be
el is synchronized,
it retains the phase setting chosen here. This can be used as part
of
overy loop with an external processor or can
al
ulti
ile using a single RCF
p
t Filter section.
0
F
The numbe
nus 1 is written to this
re
er.
0xA3: RCF Coeffici
T
iste
tion of the 256-word
co
t
o select
among mult
to memory and
re
nced b
T
iste
inter is updated
(from the shadow register) on every new filter output sample.
This allows the coefficient offset to be written without
e
with the new filter.
sses the RCF filter and sends the CIC5 output data to
the BIST-I and BIST-Q registers. The 16 MSBs of the CIC5 data
trol
controls the source of the input data to the
processes the output data of its
t processes the data from the
an
ed to allow multiple RCFs to be used together to
.
MrCIC2 must be chosen larger than LrCIC2, and both must be
chosen such that a
able rCIC2
deta
-Order RCIC Filter s
0x9
ation − 1 (LrCIC2 − 1
Thi
set the interpol
ter.
The
is register is the interpolation m
1.
The rCI
g
u
f t
asso
terpolation. For deta
d-
Order R
ion.
0x92: rCIC2 Scale
The rCI
er
co
n
r
sc
the Second-Order RCIC Filter section.
Bit 11 is reserved. Write all bits to Logic 0.
Bit 10 is reserved. Write all bits to Logic 0.
Bits 9–5 are the actual scale value used when the level indicato
LI pin associated with this channel, is active (Logic 1).
Bits 4–0 are the actual scale value used when the level indic
LI pin associated with this channel, is inactive (Logic 0).
0x93: Reserved
Eight bits, reserved (must be written low).
0x94: CIC5 Decimation – 1 (MCIC5 − 1)
This register is used to set the decimation in the CIC5 filter. The
8-bit value written to this register is the decimation minus 1.
0x95: CIC5 Scale
The 5-bit CIC5 scale factor is used to compens
growth of the CIC5 filter. For details, see the Fi
Filter section.
0x96: Reserved
Reserved (must be written low).
0x97–0x9F: Unused
Unused.
0xA0: RCF Decimation − 1 (MRCF
This register is used to set the decimation of the RCF stage. Th
value written to this register is the desired decimation mi
one. Although this is an 8-bit register that allows decimation u
to 256, most filter designs should be limited to between 1 an
32. Higher decimations are allowed, but the alias rejection of the
RCF might not be acceptable for some applications.
0xA1: RCF Decimation Phase (PRCF)
This register allows any one of the MRCF phases of the filter to
used and can be adjusted dynamically. Each time a filter is
started, this phase is updated. When a chann
a timing rec
low m
ple RCFs to work together wh
air. For details, see the RAM Coefficien
xA2: RC Number of Tap – 1 (NRCF − 1)
r of taps for the RCF filter mi
gist
ent Offset (CORCF)
his reg
r is used to specify which sec
efficien memory is used for a filter. It can be used t
iple filters that are loaded in
fere
y this pointer.
his reg
r is shadowed, and the filter po
disturbing operation, even while a filter is being computed. Th
next sample that comes out of the RCF is
0xA4: RCF Control Register
The RCF control register is an 11-bit register that controls the
general features of the RCF as well as output formatting. The
bits of this register and their functions are described below.
Bit 10 bypa
can be accessed from this register, if Bit 9 of the output con
register at Channel Address 0xA9 is set.
Bit 9 of this register
RCF. If this bit is 0, then the RCF
own channel. If this bit is 1, then i
CIC5 of another channel. The CIC5 channels that the RCF c
be connected to when this bit is 1 are shown in the Table 26.
These can be us
process wider bandwidth channels
Table 26. RCF Input Configurations
Channel
RCF Input Source when Bit 9 Is 1
0
1
1
0
2
1
3
1
Bit 8 is used as an extra address to allow a second block of
128 words of CMEM to be addressed by the channel addres
at 0x00–0x7F. If this bit is 0, then
ses
the first 128 words are written;
if this bit is 1, then the next 128 words are written. This bit is
hosen. These modes are enabled by
Bits 5 and 4 of this register. When this bit is 0, then the I and Q
output exponents are determined separately based on their
used to program only the coefficient memory so that filters
longer than 128 taps can be realized.
Bit 7 is used to control the output formatting of the AD6652’s
RCF data. This bit is used only when the 8 + 4 or 12 + 4
floating-point modes are c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com