Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 4 Page - Analog Devices

  AD9430 Datasheet HTML 1Page - Analog Devices AD9430 Datasheet HTML 2Page - Analog Devices AD9430 Datasheet HTML 3Page - Analog Devices AD9430 Datasheet HTML 4Page - Analog Devices AD9430 Datasheet HTML 5Page - Analog Devices AD9430 Datasheet HTML 6Page - Analog Devices AD9430 Datasheet HTML 7Page - Analog Devices AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
AD9430
Rev. E | Page 3 of 44
REVISION HISTORY
9/10—Rev. D to Rev. E
Change to General Description Section.........................................1
Change to Operating Temperature Range Parameter, Table 5..10
Change to Figure 4 ..........................................................................11
Change to Figure 5 ..........................................................................13
Added Exposed Pad Notation to Outline Dimensions ..............42
8/05—Rev. C to Rev. D
Change to IVREF Spec Units ...............................................................4
Changes to Minimum ENOB Specification...................................6
Added Footnote for Pin 33 in LVDS Mode ...................................7
Change to LVDS Output Section ..................................................27
Added New Evaluation Board, CMOS Mode Section................32
Updated Outline Dimensions........................................................42
11/04—Rev. B to Rev. C
Changes to Specifications ................................................................4
Changes to Figure 60 .................................................................... 31
Changes to LVDS PCB BOM ....................................................... 35
Changes to Figure 68 (Evaluation Board—LVDS Mode) ......... 36
Updated Outline Dimensions ...................................................... 40
7/03—Rev. A to Rev. B
Changed order of Figure 1 and Figure 2 ...................................... 5
Updated TPC 13 .............................................................................14
Changes to LVDS OUTPUTS section..........................................20
Add New AD9430 EVALUATION BOARD, LVDS MODE
Section ......................................................................................... 27
Updated OUTLINE DIMENSIONS ........................................... 32
3/03—Rev. 0 to Rev. A
Upgraded for AD9430-210 .............................................. Universal
Changes to FEATURES ................................................................. 1
Changes to PRODUCT HIGHLIGHTS ...................................... 1
Changes to SPECIFICATIONS ..................................................... 2
Changes to Figure 2 ........................................................................ 5
Changes to ORDERING GUIDE .................................................. 6
Change to PIN FUNCTION DESCRIPTIONS .......................... 7
Edits to Output Propagation Delay section. .............................. 10
Added TPCs 5–8, 10–12, 14, 16, 18, 20, 22, 27, 31–32, 34 ...... 12
Changes to TPCs............................................. 17, 19, 26, 35–36, 38
Added text to ENCODE INPUT section ................................... 18
Added DS INPUTS section ..........................................................19
Change to Table I ..........................................................................19
Changes to LVDS Outputs section.............................................. 20
Changes to Voltage Reference section .........................................20
Replaced Figure 12......................................................................... 20
Change to Troubleshooting section .............................................22
Updated OUTLINE DIMENSIONS.............................................27
5/02—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com