Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9430 Datasheet HTML 13Page - Analog Devices AD9430 Datasheet HTML 14Page - Analog Devices AD9430 Datasheet HTML 15Page - Analog Devices AD9430 Datasheet HTML 16Page - Analog Devices AD9430 Datasheet HTML 17Page - Analog Devices AD9430 Datasheet HTML 18Page - Analog Devices AD9430 Datasheet HTML 19Page - Analog Devices AD9430 Datasheet HTML 20Page - Analog Devices AD9430 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
AD9430
Rev. E | Page 16 of 44
85
TYPICAL PERFORMANCE CHARACTERISTICS
Charts at 170 MSPS, 210 MSPS for –170, –210 grades, respectively. AVDD, DRVDD = 3.3 V, T = 25°C, AIN differential drive, full
scale = 1.536 V, internal reference unless otherwise noted.
MHz
040
10
20
30
50
60
70
80
0
–100
–10
–20
–80
–30
–40
–50
–60
–70
–90
SNR = 65.2dB
SINAD = 65.1dB
H2 = –88.8dBc
H3 = –88.1dBc
SFDR = 87dBc
Figure 12. FFT: fs = 170 MSPS, AIN = 10.3 MHz @ −0.5 dBFS, LVDS Mode
MHz
040
10
20
30
50
60
70
80
0
–100
–10
–20
–80
–30
–40
–50
–60
–70
–90
85
SNR = 65.1dB
SINAD = 64.9dB
FUND = –0.50dBFS
H2 = –88.6dBc
H3 = –94.6dBc
SFDR = 85.9dBc
Figure 13. FFT: fs = 170 MSPS, AIN = 65 MHz @ –0.5 dBFS, LVDS Mode
MHz
040
10
20
30
50
60
70
80
0
–100
–10
–20
–80
–30
–40
–50
–60
–70
–90
85
SNR = 64.93dB
SINAD = 64.85dB
FUND = –0.44dBFS
H2 = –92.1dBc
H3 = –90.1dBc
SFDR = 75.6dBc
Figure 14. FFT: fs = 170 MSPS, AIN = 65 MHz @ –0.5 dBFS, CMOS Mode
MHz
040
10
20
30
50
60
70
80
0
–100
–10
–20
–80
–30
–40
–50
–60
–70
–90
85
SNR = 62.99dBFS
SINAD = 61.45dBFS
H2 = –66.8dBc
H3 = –82.5dBc
SFDR = 66.1dBc
Figure 15. FFT: fs = 170 MSPS, AIN = 10.3 MHz @ –0.5 dBFS,
Single-Ended Input, Full Scale = 0.76 V, LVDS Mode
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
1530
45
60
7590
105
SNR = 63.6dB
SINAD = 62.9dB
H2 = –82.5dBc
H3 = –78.6dBc
SFDR = 77.7dBc
MHz
Figure 16. FFT: fs = 210 MSPS, AIN = 10.3 MHZ @ –0.5 dBFS, LVDS Mode
0
–20
–10
–30
–40
–60
–70
–50
–80
–90
–100
0
15
30
45
60
75
90
105
SNR = 63.1dB
SINAD = 62.8dB
H2 = –81.1dBc
H3 = –76dBc
SFDR = –76dBc
MHz
Figure 17. FFT: fs = 210 MSPS, AIN = 65 MHz @ –0.5 dBFS, CMOS Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com