Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9430 Datasheet HTML 15Page - Analog Devices AD9430 Datasheet HTML 16Page - Analog Devices AD9430 Datasheet HTML 17Page - Analog Devices AD9430 Datasheet HTML 18Page - Analog Devices AD9430 Datasheet HTML 19Page - Analog Devices AD9430 Datasheet HTML 20Page - Analog Devices AD9430 Datasheet HTML 21Page - Analog Devices AD9430 Datasheet HTML 22Page - Analog Devices AD9430 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 45 page
background image
AD9430
Rev. E | Page 18 of 44
AIN (MHz)
70
66
68
60
62
64
58
56
54
52
50
0
100
150
50
200
250
300
350
400
–170 SINAD
–210 SINAD
–210 SNR
–170 SNR
Figure 24. SNR and SINAD vs. AIN Frequency, fs = 170 MSPS/210 MSPS,
AIN @ –0.5 dBFS, LVDS Mode
AIN (MHz)
85
80
75
70
65
60
55
50
45
40
0
100
150
250
350
50
200
300
400
SINAD
SNR
SFDR
Figure 25. SNR and SINAD, SFDR vs. AIN Frequency,
fs = 210 MSPS, AIN @ –0.5 dBFS, CMOS Mode
MHz
040
10
20
30
50
60
70
80
0
–100
–10
–20
–80
–30
–40
–50
–60
–70
–90
85
SFDR = 75dBc
Figure 26. Two-Tone Intermodulation Distortion
(28.3 MHz and 29.3 MHz, LVDS Mode, fs = 170 MSPS)
0
–30
–60
–90
–120
0
10203040
5060
8090
100
70
MHz
SFDR = 63dBc
Figure 27. Two-Tone Intermodulation Distortion (59 MHz and 60 MHz),
LVDS Mode, fs = 210 MSPS
MHz
0
250
50
100
150
200
95
50
90
55
80
75
65
85
70
60
SINAD
SFDR
Figure 28. SINAD and SFDR vs. Clock Rate
(AIN = 10.3 MHz @ –0.5 dBFS, LVDS Mode), –170 Grade
MHz
85
80
75
70
65
60
55
50
45
40
0
100
150
250
50
200
SINAD
SNR
SFDR
Figure 29. SNR and SINAD, SFDR vs. Clock Rate
(AIN = 10.3 MHz, @ –0.5 dBFS), LVDS Mode, –210 Grade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com