Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9430 Datasheet HTML 9Page - Analog Devices AD9430 Datasheet HTML 10Page - Analog Devices AD9430 Datasheet HTML 11Page - Analog Devices AD9430 Datasheet HTML 12Page - Analog Devices AD9430 Datasheet HTML 13Page - Analog Devices AD9430 Datasheet HTML 14Page - Analog Devices AD9430 Datasheet HTML 15Page - Analog Devices AD9430 Datasheet HTML 16Page - Analog Devices AD9430 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
AD9430
Rev. E | Page 12 of 44
Pin Number
Mnemonic
Description
36
CLK+
Clock Input—True.
37
CLK–
Clock Input—Complement.
44
DB0
B Port Output Data Bit (LSB).
45
DB1
B Port Output Data Bit.
46
DB2
B Port Output Data Bit.
47, 54, 62, 75, 83
DRVDD
3.3 V Digital Output Supply (3.0 V to 3.6 V).
48, 53, 61, 67, 74, 82
DRGND1
Digital Output Ground.
49
DB3
B Port Output Data Bit.
50
DB4
B Port Output Data Bit.
51
DB5
B Port Output Data Bit.
52
DB6
B Port Output Data Bit.
55
DB7
B Port Output Data Bit.
56
DB8
B Port Output Data Bit.
57
DB9
B Port Output Data Bit.
58
DB10
B Port Output Data Bit.
59
DB11
B Port Output Data Bit (MSB).
60
OR_B
B Port Overrange.
63
DCO–
Data Clock Output—Complement.
64
DCO+
Data Clock Output—True.
69
DA0
A Port Output Data Bit (LSB).
70
DA1
A Port Output Data Bit.
71
DA2
A Port Output Data Bit.
72
DA3
A Port Output Data Bit.
73
DA4
A Port Output Data Bit.
76
DA5
A Port Output Data Bit.
77
DA6
A Port Output Data Bit.
78
DA7
A Port Output Data Bit.
79
DA8
A Port Output Data Bit.
80
DA9
A Port Output Data Bit.
81
DA10
A Port Output Data Bit.
84
DA11
A Port Output Data Bit (MSB).
85
OR_A
A Port Overrange.
1 AGND and DRGND should be tied together to a common ground plane.
2 DS Complement (DS−); can be tied to AVDD (as recommended) or left floating with no ill effects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com