Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9430 Datasheet HTML 14Page - Analog Devices AD9430 Datasheet HTML 15Page - Analog Devices AD9430 Datasheet HTML 16Page - Analog Devices AD9430 Datasheet HTML 17Page - Analog Devices AD9430 Datasheet HTML 18Page - Analog Devices AD9430 Datasheet HTML 19Page - Analog Devices AD9430 Datasheet HTML 20Page - Analog Devices AD9430 Datasheet HTML 21Page - Analog Devices AD9430 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
AD9430
Rev. E | Page 17 of 44
0
–10
–20
–30
–40
–60
–70
–80
–90
–50
–100
0
15
30
45
60
75
90
105
MHz
SNR = 63.5dB
SINAD = 62.6dB
H2 = –79dBc
H3 = –76.1dBc
SFDR = 75.2dBc
Figure 18. FFT: fs = 210 MSPS, AIN = 65 MHz @ –0.5 dBFS, LVDS Mode
AIN (MHz)
85
80
75
70
65
60
55
50
45
40
0
100
150
250
350
50
200
300
400
SFDR
SNR
SINAD
FULL SCALE = 1.5
Figure 19. SNR, SINAD, and SFDR vs. AIN Frequency, fS = 210 MSPS,
AIN @ –0.5 dBFS, LVDS Mode
AIN (MHz)
0
200
400
50
100
150
250
300
350
100
40
90
50
80
70
60
SECOND
THIRD
SFDR
Figure 20. Harmonic Distortion (2nd and 3rd)
and SFDR vs. AIN Frequency
0
1530
45607590
105
0
–60
–90
–40
–20
–70
–30
–10
–50
MHz
–80
–100
SNR = 63.3dB
SINAD = 63.1dB
H2 = –80.38dBc
H3 = –81.8dBc
SFDR = 80.8dBc
Figure 21. FFT: fs = 213 MSP, AIN = 100 MHz @ –0.5 dBFS, LVDS Mode
AIN (MHz)
85
80
75
70
65
60
55
50
45
40
0
100
150
250
350
50
200
300
400
SINAD
SNR
FULL SCALE = 0.75
Figure 22. SNR and SINAD vs. AIN Frequency, fs = 210 MSPS,
AIN @ –0.5 dBFS, LVDS Mode, Full Scale = 0.76 V
AIN (MHz)
0
200
400
50
100
150
250
300
350
100
40
90
50
80
70
60
SECOND
THIRD
SFDR
Figure 23. Harmonic Distortion (2nd and 3rd) and
SFDR vs. AIN Frequency, fs = 170 MSPS, CMOS Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com