Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9430 Datasheet HTML 27Page - Analog Devices AD9430 Datasheet HTML 28Page - Analog Devices AD9430 Datasheet HTML 29Page - Analog Devices AD9430 Datasheet HTML 30Page - Analog Devices AD9430 Datasheet HTML 31Page - Analog Devices AD9430 Datasheet HTML 32Page - Analog Devices AD9430 Datasheet HTML 33Page - Analog Devices AD9430 Datasheet HTML 34Page - Analog Devices AD9430 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
AD9430
Rev. E | Page 30 of 44
TROUBLESHOOTING
If the board does not seem to be working correctly, try the
following:
The AD9430 evaluation board is provided as a design
example for customers of Analog Devices, Inc. ADI makes
no warranties, express, statutory, or implied, regarding
merchantability or fitness for a particular purpose.
•
Verify power at IC pins.
•
Check that all jumpers are in the correct position for the
desired mode of operation.
•
Verify that VREF is at 1.23 V.
•
Run the clock and analog inputs at low speeds (10 MSPS/
1 MHz) and monitor latch and ADC for toggling.
SIGNAL
GENERATOR
SIGNAL
GENERATOR
REFIN
10MHz
REFOUT
BAND-PASS
FILTER
ANALOG
J4
CLOCK
J5
AD9430 EVALUATION BOARD
AVDD GND
DRVDD GND
VDL
GND
3.3V
3.3V
3.3V
+
DATA
CAPTURE
AND
PROCESSING
–
+
–
+
–
Figure 58. Evaluation Board Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com