Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9430 Datasheet HTML 28Page - Analog Devices AD9430 Datasheet HTML 29Page - Analog Devices AD9430 Datasheet HTML 30Page - Analog Devices AD9430 Datasheet HTML 31Page - Analog Devices AD9430 Datasheet HTML 32Page - Analog Devices AD9430 Datasheet HTML 33Page - Analog Devices AD9430 Datasheet HTML 34Page - Analog Devices AD9430 Datasheet HTML 35Page - Analog Devices AD9430 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
AD9430
Rev. E | Page 31 of 44
Table 11. CMOS PCB Evaluation Board Bill of Material
No.
Quantity
Reference Designator
Device
Package
Value
Comments
1
47
C1, C3–C11, C15–C44,
C47, C48, C58–C62
Capacitor
0402
0.1 μF
C11, C18, C30, C33,
C34, C39, C40, C48
Not placed
2
1
C2
Capacitor
0402
10 pF
Not placed
3
1
C12
Capacitor
0402
20 pF
Not placed
4
29
C13, C14, C45, C46, C50–C57,
C68-C84
Capacitor
0402
0.01 μF
All .01uF caps not
placed
5
6
C49, C63–C67
Capacitor
CAPL
10 μF
6
8
(E3, E1, E2),( E19, E17, E18),
(E13, E11, E12),( E46, E47, E45),
(E35, E33, E34),( E32, E30, E31),
(E29, E23, E28),( E22, E16, E21)
3-pin
header/jumper
7
1
E26, E25, E27, E24
4-pin
header/jumper
8
4
J1, J2, J4, J5
SMA
SMA
J2 not placed
9
2
P3, P231
Connector
10
3
P4, P21, P22
4-pin power
connector
Post
Z5.531.3425.0
Wieland
11
3
P4, P21, P22
4-pin power
connector
Detachable
connector
25.602.5453.0
Wieland
12
4
R1, R5, R16, R27
Resistor
0402
50 Ω
R1 not placed
13
3
R2, R3, R4
Resistor
0402
3.8K Ω
R3, R4 not placed
14
8
R6–R8, R10, R33–R36
Resistor
0603
100 Ω
R34 not placed
15
2
R9, R11
Resistor
0402
0 Ω
16
17
R12, R15, R21–R26, R28–R31, R37,
R38, R43, R46, R47
Resistor
0402
User selected
All 17 not placed
17
6
R13, R14, R41, R42, R44, R45
Resistor
0402
25 Ω
R13, R14, R44, R45 not
placed
18
2
R17, R18
Resistor
0402
510 Ω
19
2
R19, R20
Resistor
0402
150 Ω
20
2
R39, R40
Resistor
0402
1 kΩ
21
8
RZ1, RZ2, RZ3, RZ4, RZ5, RZ6, RZ7,
RZ8
Resistor pack 220 Ω
SO16RES
742C163221JTR
CTS
22
1
L1
Inductor
0603
User selected
Not placed
23
2
T1,T4
Transformer
CD542
Mini-Circuits
ADT1–1WT
T4 not placed
24
2
T2,T3
Optional Macom
Transformer
SM-22
ETC1–1–13
Not placed
25
1
U1
AD9430BSV (−210)
TQFP100
ADC
26
1
U2
MC100LVEL16D
SO8NB
Clock buffer
27
1
U3
VCX86
SO14NB
XOR
28
4
U4, U5, U6, U7
LVT574
SO20
29
1
U8
JN00158
Optional XTAL
Not placed
30
1
U9
AD8351
Amp
1 P3 and P23 are implemented as one physical 80-pin connector, the SAMTEC TSW-140-08-L-D-RA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com