Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9430 Datasheet HTML 17Page - Analog Devices AD9430 Datasheet HTML 18Page - Analog Devices AD9430 Datasheet HTML 19Page - Analog Devices AD9430 Datasheet HTML 20Page - Analog Devices AD9430 Datasheet HTML 21Page - Analog Devices AD9430 Datasheet HTML 22Page - Analog Devices AD9430 Datasheet HTML 23Page - Analog Devices AD9430 Datasheet HTML 24Page - Analog Devices AD9430 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
AD9430
Rev. E | Page 20 of 44
AVDD (V)
2.5
3.1
2.7
2.9
3.3
3.5
3.7
3.9
1.250
1.225
1.230
1.245
1.240
1.235
Figure 36. VREF Output Voltage vs. AVDD
TEMPERATURE (°C)
–50
10
–30
–10
30
50
70
90
95
60
90
70
85
80
75
65
THIRD
SECOND
SFDR
SNR
SINAD
Figure 37. SNR, SINAD, and SFDR vs. Temperature
(AIN = 10.3 MHz @ –0.5 dBFS, 170 MSPS)
TEMPERATURE (°C)
65
64
63
62
61
60
59
58
57
56
55
–45
–5
15
55
–25
35
75
AVDD = 3.6
AVDD = 3.3
AVDD = 3.135
AVDD = 3.0
Figure 38. SINAD vs. Temperature, AVDD
(AIN = 70 MHz @ –0.5 dB, 210 MSPS, LVDS Mode)
CODE
0
4000
500
1500
2500
3000
1000
2000
3500
1.00
–1.00
0.75
–0.75
0.25
–0.25
0.50
0
–0.50
Figure 39. Typical INL Plot (AIN = 10.3 MHz @ –0.5 dBFS, 170 MSPS, LVDS)
CODE
0
4000
500
1500
2500
3000
1000
2000
3500
1.00
–1.00
0.75
–0.75
0.25
–0.25
0.50
0
–0.50
Figure 40. Typical DNL Plot (AIN = 10.3 MHz @ –0.5 dBFS)
ANALOG INPUT LEVEL (dBFS)
–100
0
–70
–50
–30
–20
–60
–40
–10
–80
–90
100
0
70
10
50
30
60
40
20
80
90
SFDR –dBFS
SFDR –dBc
80dB
REFERENCE LINE
Figure 41. SFDR vs. AIN Input Level ,
AIN @ 10.3 MHz, 170 MSPS, LVDS Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com