Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 1 Page - Analog Devices

  AD9430 Datasheet HTML 1Page - Analog Devices AD9430 Datasheet HTML 2Page - Analog Devices AD9430 Datasheet HTML 3Page - Analog Devices AD9430 Datasheet HTML 4Page - Analog Devices AD9430 Datasheet HTML 5Page - Analog Devices AD9430 Datasheet HTML 6Page - Analog Devices AD9430 Datasheet HTML 7Page - Analog Devices AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
12-Bit, 170/210 MSPS
3.3 V A/D Converter
AD9430
Rev. E
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2010 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 65 dB @ fIN = 70 MHz @ 210 MSPS
ENOB of 10.6 @ fIN = 70 MHz @ 210 MSPS (–0.5 dBFS)
SFDR = 80 dBc @ fIN = 70 MHz @ 210 MSPS (–0.5 dBFS)
Excellent linearity:
DNL = ±0.3 LSB (typical)
INL = ±0.5 LSB (typical)
2 output data options:
Demultiplexed 3.3 V CMOS outputs each @ 105 MSPS
Interleaved or parallel data output option
LVDS at 210 MSPS
700 MHz full-power analog bandwidth
On-chip reference and track-and-hold
Power dissipation = 1.3 W typical @ 210 MSPS
1.5 V input voltage range
3.3 V supply operation
Output data format option
Data sync input and data clock output provided
Clock duty cycle stabilizer
GENERAL DESCRIPTION
The AD9430 is a 12-bit, monolithic, sampling analog-to-digital
converter (ADC) optimized for high performance, low power,
and ease of use. The product operates up to a 210 MSPS
conversion rate and is optimized for outstanding dynamic
performance in wideband carrier and broadband systems. All
necessary functions, including a track-and-hold (T/H) and
reference, are included on the chip to provide a complete
conversion solution.
The ADC requires a 3.3 V power supply and a differential
ENCODE clock for full performance operation. The digital
outputs are TTL/CMOS or LVDS compatible and support either
twos complement or offset binary format. Separate output
power supply pins support interfacing with 3.3 V CMOS logic.
Two output buses support demultiplexed data up to 105 MSPS
rates in CMOS mode. A data sync input is supported for proper
output data port alignment in CMOS mode, and a data clock
output is available for proper output data timing. In LVDS
mode, the chip provides data at the ENCODE clock rate.
Fabricated on an advanced BiCMOS process, the AD9430 is
available in a 100-lead, surface-mount plastic package
(100 e-PAD TQFP) specified over the industrial temperature
range (–40°C to +85°C).
FUNCTIONAL BLOCK DIAGRAM
TRACK-
AND-HOLD
SCALABLE
REFERENCE
ADC
12-BIT
PIPELINE
CORE
LVDS
OUTPUTS
CLOCK
MANAGEMENT
SENSE
VREF
AGND DRGND DRVDD AVDD
DATA,
OVERRANGE
IN LVDS OR
2-PORT CMOS
DCO–
S5
S4
S2
S1
CLK+
DS+
VIN+
AD9430
12
VIN–
DS–
CLK–
DCO+
SELECT CMOS
OR LVDS
CMOS
OUTPUTS
Figure 1.
APPLICATIONS
Wireless and wired broadband communications
Cable reverse path
Communications test equipment
Radar and satellite subsystems
Power amplifier linearization
PRODUCT HIGHLIGHTS
1.
High performance.
Maintains 65 dB SNR @ 210 MSPS with a 65 MHz input.
2.
Low power.
Consumes only 1.3 W @ 210 MSPS.
3.
Ease of use.
LVDS output data and output clock signal allow interface
to current FPGA technology. The on-chip reference and
sample-and-hold provide flexibility in system design. Use
of a single 3.3 V supply simplifies system power supply
design.
4.
Out of range (OR) feature.
The OR output bit indicates when the input signal is
beyond the selected input range.
5.
Pin compatible with 10-bit AD9411 (LVDS only).
.


Similar Part No. - AD9430

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9430 AD-AD9430 Datasheet
1Mb / 20P
12-Bit, 170 MSPS 3.3V A/D Converter
AD9430-CMOSPCB AD-AD9430-CMOSPCB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9430-LVDSPCB2 AD-AD9430-LVDSPCB2 Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9430/PCB-CMOS AD-AD9430/PCB-CMOS Datasheet
1Mb / 20P
12-Bit, 170 MSPS 3.3V A/D Converter
AD9430BSV-170 AD-AD9430BSV-170 Datasheet
1Mb / 20P
12-Bit, 170 MSPS 3.3V A/D Converter
More results

Similar Description - AD9430

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9430 AD-AD9430 Datasheet
1Mb / 20P
12-Bit, 170 MSPS 3.3V A/D Converter
logo
Intersil Corporation
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
12-bit, 3.3V, 260MSPS, High Speed D/A Converter
November 12, 2004
ISL5957 INTERSIL-ISL5957 Datasheet
630Kb / 13P
14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
November 12, 2004
logo
National Semiconductor ...
ADC10DL065 NSC-ADC10DL065 Datasheet
1Mb / 26P
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Intersil Corporation
ISL76161 INTERSIL-ISL76161 Datasheet
497Kb / 12P
12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
September 9, 2008
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
12-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL76161 RENESAS-ISL76161 Datasheet
917Kb / 12P
12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
December 23, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com