Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9430 Datasheet HTML 18Page - Analog Devices AD9430 Datasheet HTML 19Page - Analog Devices AD9430 Datasheet HTML 20Page - Analog Devices AD9430 Datasheet HTML 21Page - Analog Devices AD9430 Datasheet HTML 22Page - Analog Devices AD9430 Datasheet HTML 23Page - Analog Devices AD9430 Datasheet HTML 24Page - Analog Devices AD9430 Datasheet HTML 25Page - Analog Devices AD9430 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
AD9430
Rev. E | Page 21 of 44
90
80
70
60
50
40
30
20
10
0
–90
–70
–60
–40
–20
–80
–50
–30
–10
0
SFDR dBc
LVDS MODE
FULL SCALE = 1.5
SFDR dBc
CMOS MODE
FULL SCALE = 1.5
80dB REFERENCE LINE
Figure 42. SFDR vs. AIN Input Level, AIN @ 10.3 MHz, 210 MSPS,
LVDS/CMOS Modes
90
80
70
60
50
40
30
20
10
0
–90
–70
–60
–40
–20
–80
–50
–30
–10
0
SFDR dBc
LVDS MODE
FULL SCALE = 1.5
SFDR dBc
LVDS MODE
FULL SCALE = 0.75
80dB REFERENCE LINE
Figure 43. SFDR vs. AIN Input Level, AIN @ 10.3 MHz, 210 MSPS, LVDS Mode,
Full Scale = 0.76 V/1.536 V
MHz
2.65
42.5
21.25
0
–140
–40
–120
–100
–60
–80
–20
NPR = 56.95dB
ENCODE = 170MSPS
NOTCH @ 19MHz
Figure 44. Noise Power Ratio Plot
MHz
0
–20
–40
–60
–80
–100
19.2
38.4
19.2
47.6
Figure 45. W-CDMA Four Channels Centered at 38.4 MHz,
fs = 153.6 MHz, LVDS Mode
FULL-SCALE RANGE (V)
0
2.5
2.0
1.0
1.5
0.5
90
0
70
10
50
30
60
40
20
80
SINAD
SNR
SFDR
Figure 46. SNR, SINAD, and SFDR vs. Full-Scale Range, S5 = 0,
Full-Scale Range Varied by Adjusting VREF, 170 MSPS
TEMPERATURE (°C)
–40
100
60
20
40
–20
0
80
4.5
2.5
4.0
3.5
3.0
TPD
TCPD
Figure 47. Propagation Delay vs. Temperature, LVDS Mode,
170 MSPS/210 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com