Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9430 Datasheet HTML 16Page - Analog Devices AD9430 Datasheet HTML 17Page - Analog Devices AD9430 Datasheet HTML 18Page - Analog Devices AD9430 Datasheet HTML 19Page - Analog Devices AD9430 Datasheet HTML 20Page - Analog Devices AD9430 Datasheet HTML 21Page - Analog Devices AD9430 Datasheet HTML 22Page - Analog Devices AD9430 Datasheet HTML 23Page - Analog Devices AD9430 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
AD9430
Rev. E | Page 19 of 44
ANALOG SUPPLY
CURRENT CMOS
MODE
ANALOG SUPPLY
CURRENT LVDS
MODE
OUTPUT SUPPLY
CURRENT LVDS
MODE
OUTPUT SUPPLY
CURRENT CMOS
MODE
ENCODE (MSPS)
100
220
140
160
180
200
120
400
0
350
50
250
150
300
200
100
80
60
40
20
0
Figure 30. IAVDD and IDRVDD vs. Clock Rate (AIN = 10.3 MHz @ –0.5 dBFS)
170 MSPS Grade, CLOAD = 5 pF
ENCODE (MSPS)
450
400
350
300
250
200
150
100
50
0
90
80
70
60
50
40
30
20
10
0
100
140
160
200
220
240
120
180
ANALOG SUPPLY
CURRENT LVDS MODE
OUTPUT SUPPLY
CURRENT LVDS MODE
OUTPUT SUPPLY
CURRENT CMOS MODE
ANALOG SUPPLY
CURRENT CMOS MODE
Figure 31. IAVDD and IDRVDD vs. Clock Rate
(AIN = 10.3 MHz @ –0.5 dBFS), 210 MSPS Grade, CLOAD = 5 pF
SINAD
SNR
SFDR
ENCODE POSITIVE DUTY CYCLE (%)
10
60
90
20
40
50
70
80
30
85
50
80
75
70
65
60
55
Figure 32. SINAD and SFDR vs. Clock Pulse Width High
(AIN = 10.3 MHz @ –0.5 dBFS, 170 MSPS, LVDS)
ENCODE POSITIVE DUTY CYCLE (%)
80
75
70
65
60
55
50
20
40
50
70
30
60
80
SINAD
SNR
SFDR
Figure 33. SNR, SINAD, and SFDR vs. ENCODE Pulse Width High,
(AIN = 10.3 MHz @ –0.5 dBFS, 210 MSPS, LVDS)
ILOAD (mA)
08
147
2
1.4
0
1.2
1.0
0.8
0.6
0.4
0.2
RO = 13Ω TYP
5
36
Figure 34. VREFOUT vs. ILOAD
TEMPERATURE (°C)
–50
10
95
–30
–10
30
50
70
90
–2.0
1.5
–1.0
1.0
0.5
0
–0.5
–1.5
% GAIN ERROR
USING EXT REF
2.0
Figure 35. Full-Scale Gain Error vs. Temperature
(AIN = 10.3 MHz @ –0.5 dBFS, 170 MSPS/210 MSPS, LVDS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com