Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices AD9430 Datasheet HTML 10Page - Analog Devices AD9430 Datasheet HTML 11Page - Analog Devices AD9430 Datasheet HTML 12Page - Analog Devices AD9430 Datasheet HTML 13Page - Analog Devices AD9430 Datasheet HTML 14Page - Analog Devices AD9430 Datasheet HTML 15Page - Analog Devices AD9430 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
AD9430
Rev. E | Page 11 of 44
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
AD9430
CMOS PINOUT
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26 27
28 29 30 31 32 33 34 35 36
37 38 39 40 41
42
43 44 45 46 47
48 49 50
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
DRVDD
DRGND
DA4
DA3
DA2
DA1
DA0
DNC
DRGND
DNC
DNC
DCO+
DCO–
DRVDD
DRGND
OR_B
DB11
DB10
DB9
DB8
DB7
DRVDD
DRGND
DB6
DB5
S5
DNC
S4
AGND
S2
S1
DNC
AVDD
AGND
SENSE
VREF
AGND
AGND
AVDD
AVDD
AGND
AGND
AVDD
AVDD
AGND
VIN+
VIN–
AGND
AVDD
AGND
NOTES
1. THE AD9430 HAS A CONDUCTIVE HEAT SLUG TO HELP DISSIPATE HEAT AND ENSURE RELIABLE OPERATION OF
THE DEVICE OVER THE FULL INDUSTRIAL TEMPERATURE RANGE. THE SLUG IS EXPOSED ON THE BOTTOM OF
THE PACKAGE AND ELECTRICALLY CONNECTED TO CHIP GROUND. IT IS RECOMMENDED THAT NO PCB SIGNAL
TRACES OR VIAS BE LOCATED UNDER THE PACKAGE THAT COULD COME IN CONTACT WITH THE CONDUCTIVE
SLUG. ATTACHING THE SLUG TO A GROUND PLANE WILL REDUCE THE JUNCTION TEMPERATURE OF THE
DEVICE WHICH MAY BE BENEFICIAL IN HIGH TEMPERATURE ENVIRONMENTS.
Figure 4. CMOS Dual-Mode Pin Configuration
Table 7. CMOS Mode Pin Function Descriptions
Pin Number
Mnemonic
Description
1
S5
Full-Scale Adjust Pin. AVDD sets fS = 0.768 V p-p differential,
GND sets fS = 1.536 V p-p differential.
2, 7, 42, 43, 65, 66, 68
DNC
Do Not Connect.
3
S4
Interleaved, Parallel Select Pin. High = interleaved.
4, 9, 12, 13, 16, 17, 20, 23, 25, 26, 30, 31, 35, 38, 41, 86,
87, 91, 92, 93, 96, 97, 100
AGND1
Analog Ground.
5
S2
Output Mode Select. Low = dual-port CMOS, high = LVDS.
6
S1
Data Format Select. Low = binary, high = twos complement for
both CMOS and LVDS modes.
8, 14, 15, 18, 19, 24, 27, 28, 29, 34, 39, 40, 88, 89, 90, 94,
95, 98, 99
AVDD
3.3 V Analog Supply.
10
SENSE
Reference Mode Select Pin. Float for internal reference operation.
11
VREF
1.235 V Reference I/O—Function Dependent on SENSE.
21
VIN+
Analog Input—True.
22
VIN–
Analog Input—Complement.
32
DS+
Data Sync (Input)—True. Tie low if not used.
33
DS–2
Data Sync (Input)—Complement. Tie high if not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com