Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9430 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9430
Description  3.3V A/D Converter
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9430 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9430 Datasheet HTML 3Page - Analog Devices AD9430 Datasheet HTML 4Page - Analog Devices AD9430 Datasheet HTML 5Page - Analog Devices AD9430 Datasheet HTML 6Page - Analog Devices AD9430 Datasheet HTML 7Page - Analog Devices AD9430 Datasheet HTML 8Page - Analog Devices AD9430 Datasheet HTML 9Page - Analog Devices AD9430 Datasheet HTML 10Page - Analog Devices AD9430 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
AD9430
Rev. E | Page 6 of 44
AC SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V, TMIN = –40°C, TMAX = +85°C, fIN = –0.5 dBFS, internal reference, full scale = 1.536 V, LVDS output mode,
unless otherwise noted.1
Table 2.
AD9430-170
AD9430-210
Parameter
Temp
Test Level
Min
Typ
Max
Min
Typ
Max
Unit
SNR
Analog Input @ –0.5 dBFS
10 MHz
25°C
I
63.5
65
62.5
64.5
dB
70 MHz
25°C
I
63
65
62.5
64.5
dB
100 MHz
25°C
V
65
64.5
dB
240 MHz
25°C
V
61
61
dB
SINAD
Analog Input @ –0.5 dBFS
10 MHz
25°C
I
63.5
65
62.5
64.5
dB
70 MHz
25°C
I
63
65
62.5
64.5
dB
100 MHz
25°C
V
65
64.5
dB
240 MHz
25°C
V
60
60
dB
EFFECTIVE NUMBER OF BITS (ENOB)
10 MHz
25°C
I
10.3
10.6
10.2
10.5
Bits
70 MHz
25°C
I
10.3
10.6
10.2
10.5
Bits
100 MHz
25°C
V
10.6
10.5
Bits
240 MHz
25°C
V
9.8
9.8
Bits
WORST HARMONIC (2nd or 3rd)
Analog Input @ –0.5 dBFS, 10 MHz
10 MHz
25°C
I
–85
–75
–84
–74
dBc
70 MHz
25°C
I
–85
–75
–84
–74
dBc
100 MHz
25°C
V
–77
–77
dBc
240 MHz
25°C
V
–63
–63
dBc
WORST HARMONIC (4th or Higher)
Analog Input @ –0.5 dBFS, 10 MHz
10 MHz
25°C
I
–87
–78
–87
–77
dBc
70 MHz
25°C
I
–87
–78
–87
–77
dBc
100 MHz
25°C
V
–77
–77
dBc
240 MHz
25°C
V
–63
–63
dBc
TWO-TONE IMD
D
2
F1, F2 @ −7 dBFS
25°C
V
–75
–75
dBc
ANALOG INPUT BANDWIDTH
25°C
V
700
700
MHz
1 All ac specifications tested by differentially driving CLK+ and CLK−.
2 F1 = 28.3 MHz, F2 = 29.3 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com