Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED171596ARSLR Datasheet(PDF) 144 Page - Texas Instruments

Part # LED171596ARSLR
Description  96-LED Matrix Driver for RGB and White LEDs
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LED171596ARSLR Datasheet(HTML) 144 Page - Texas Instruments

Back Button LED171596ARSLR Datasheet HTML 140Page - Texas Instruments LED171596ARSLR Datasheet HTML 141Page - Texas Instruments LED171596ARSLR Datasheet HTML 142Page - Texas Instruments LED171596ARSLR Datasheet HTML 143Page - Texas Instruments LED171596ARSLR Datasheet HTML 144Page - Texas Instruments LED171596ARSLR Datasheet HTML 145Page - Texas Instruments LED171596ARSLR Datasheet HTML 146Page - Texas Instruments LED171596ARSLR Datasheet HTML 147Page - Texas Instruments LED171596ARSLR Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 153 page
background image
LED14
LED15
LED16
LED17
LED18
LED19
LED20
LED21
LED22
LED23
HS0
HS1
HS2
HS3
EN
IFSEL_LATCH
LED_GND
INT
SCLK_SCL
MISO_ADDR
MOSI_SDA
VDDIO
ISET
SS_PWM
LED0
LED13
LED12
VDDIO
GND
VDD
VLED
VDD
VLED
RISET
CVLED
CVDD
Copyright © 2016, Texas Instruments Incorporated
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
LED11
GND
GND
GND
GND
GND
GND
GND
EPAD
144
LED171596A
SNVSAY2 – OCTOBER 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LED171596A is an LED driver that can individually control up to 96 LEDs. The maximum LED current for all
LED driver outputs is configured by the value of RISET resistor and LEDXX_CUR[7:0] registers. Refer to
Table 283 for RISET current calculation.
8.2 Typical Application
Figure 300. Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com