Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED171596ARSLR Datasheet(PDF) 145 Page - Texas Instruments

Part # LED171596ARSLR
Description  96-LED Matrix Driver for RGB and White LEDs
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LED171596ARSLR Datasheet(HTML) 145 Page - Texas Instruments

Back Button LED171596ARSLR Datasheet HTML 141Page - Texas Instruments LED171596ARSLR Datasheet HTML 142Page - Texas Instruments LED171596ARSLR Datasheet HTML 143Page - Texas Instruments LED171596ARSLR Datasheet HTML 144Page - Texas Instruments LED171596ARSLR Datasheet HTML 145Page - Texas Instruments LED171596ARSLR Datasheet HTML 146Page - Texas Instruments LED171596ARSLR Datasheet HTML 147Page - Texas Instruments LED171596ARSLR Datasheet HTML 148Page - Texas Instruments LED171596ARSLR Datasheet HTML 149Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 153 page
background image
145
LED171596A
www.ti.com
SNVSAY2 – OCTOBER 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Application (continued)
8.2.1 Design Requirements
The following design guideline provides a component selection to operate the device within the recommended
operating conditions.
Table 282. List of Components
REFERENCE
DESCRIPTION
PART NUMBER
MANUFACTURER
IC
96-Channel LED Driver, QFN
LED171596A
Texas Instruments
CVLED
CAP, CERM, 10 µF, 10 V
C0805C106K8RACTU
Kemet
CVDD
CAP, CERM, 10 µF, 6.3 V
C1608JB0J106K080AB
TDK
RISET
RES, 12.4k, 1%, 0.1 W, 0603
CRCW060312K4FKEA
Vishay-Dale
8.2.2 Detailed Design Procedure
The default value of LEDXX_CUR[7:0] registers is 0xCC or 80% of peak current. Using this value the required
RISET value for 2.48 mA average LED current is shown in Table 283.
Table 283. RISET Example Calculation
ISET (mA)
RISET
CALCULATED
(kΩ)
RISET STANDARD
VALUE
(kΩ)
LEDXX_CUR
PEAK ILED CURRENT
(mA)
AVERAGE ILED
CURRENT
(mA)
10
60
60.4
0xCC
9.93
2.48
8.2.3 Application Curves
Figure 301. High Side Switch Sequence
Figure 302. HS0 to HS1 Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com