Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED171596ARSLR Datasheet(PDF) 147 Page - Texas Instruments

Part # LED171596ARSLR
Description  96-LED Matrix Driver for RGB and White LEDs
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LED171596ARSLR Datasheet(HTML) 147 Page - Texas Instruments

Back Button LED171596ARSLR Datasheet HTML 143Page - Texas Instruments LED171596ARSLR Datasheet HTML 144Page - Texas Instruments LED171596ARSLR Datasheet HTML 145Page - Texas Instruments LED171596ARSLR Datasheet HTML 146Page - Texas Instruments LED171596ARSLR Datasheet HTML 147Page - Texas Instruments LED171596ARSLR Datasheet HTML 148Page - Texas Instruments LED171596ARSLR Datasheet HTML 149Page - Texas Instruments LED171596ARSLR Datasheet HTML 150Page - Texas Instruments LED171596ARSLR Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 153 page
background image
147
LED171596A
www.ti.com
SNVSAY2 – OCTOBER 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Figure 309. LED PWM Phase Shift 3
9 Power Supply Recommendations
9.1 Power Start-up and Shutdown Sequence
The preferred power start-up sequence for the LED171596A is to apply VDD first then VDDIO followed by VLED
while keeping EN input low where t1
≥ t2 ≥ 0 (refer to ). The VDD and VDDIO supplies can be applied
simultaneously provided that VDD
≥ VDDIO in transition. The preferred power shutdown sequence is the exact
opposite of start-up, EN set low then VLED removed followed by VDDIO removed and finally VDD removed
where t1
≥ t2 ≥ t3 ≥ 0 (refer to ).
9.2 VLED Input Supply Recommendations
The LED171596A is designed to operate from a 0-V to 6.1-V VLED voltage supply. The VLED supply must be
well regulated and able to provide the peak current required by the LED configuration without voltage drop under
load transients (start-up or rapid brightness change). The resistance of the input supply rail must be low enough
such that the input current transient does not cause the VLED supply voltage to droop below LED Vf + VSAT
voltage. TI recommends bulk decoupling located close to the VLED pin to minimize the impact of the VLED input
supply rail resistance.
9.3 VDD Input Supply Recommendations
The LED171596A is designed to operate from a 2.9-V to 3.5-V VDD voltage supply. This input supply must be
well regulated and be able to provide the peak current required by the LED configuration. The resistance of the
VDD supply rail must be low enough such that the input current transient does not cause the LED171596A VIN
supply voltage to droop below the maximum VDDPOR voltage. Additional bulk decoupling located close to the
VDD bypass capacitor may be required to minimize the impact of the VDD input supply rail resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com