Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 33Page - Analog Devices AD6676EBZ Datasheet HTML 34Page - Analog Devices AD6676EBZ Datasheet HTML 35Page - Analog Devices AD6676EBZ Datasheet HTML 36Page - Analog Devices AD6676EBZ Datasheet HTML 37Page - Analog Devices AD6676EBZ Datasheet HTML 38Page - Analog Devices AD6676EBZ Datasheet HTML 39Page - Analog Devices AD6676EBZ Datasheet HTML 40Page - Analog Devices AD6676EBZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 37 of 90
Phase Noise Performance
Above the PLL filter bandwidth of 200 kHz, the internal VCO
limits the overall phase noise of the clock synthesizer. The VCO
phase noise performance shows a slight improvement at its low
end of its FADC operating range, as shown in Figure 100 The phase
noise for a particular IF input frequency can be calculated using
Equation 5.
PNfIN_OFFSET = PNfCLK_OFFSET + 20 × log (FIF/FADC)
(7)
For example, the phase noise at 1 MHz offset for an FADC of
3.2 GHz is approximately −124 dBc/Hz. An IF input frequency
of 200 MHz results in a 24 dB improvement, thus the expected
phase noise at 1 MHz offset is −148 dBc/Hz.
–105
–107
–109
–111
–113
–115
–117
–119
–121
–123
–125
–127
–129
–131
–133
–135
5
2
1
0.2
0.4
0.6
0.8
FREQUENCY OFFSET (MHz)
2.95GHz
3.00GHz
3.10GHz
3.20GHz
Figure 100. Clock Synthesizers Typical Phase Noise for Various FADC Values
The repeatability of a device that is power cycled 10 times is shown
in Figure 101. Note that the measured data in this figure aligns with
the expected results based on Equation 5 and Figure 100. The
phase noise variation over temperature of a nominal device is
shown in Figure 102.
–128
–130
–132
–134
–136
–138
–140
–142
–144
–146
–148
–150
–152
–154
–156
3
2
0.2
0.4
0.6
0.8
1
ZERO IF FREQUENCY OFFSET (MHz)
MEAN
–125.81
–140.93
–144.14
–146.48
STD
0.23
0.11
0.11
0.10
PK-PK
0.71
0.32
0.37
0.39
100kHz
600kHz
800kHz
1MHz
Figure 101. Power Cycle Repeatability (10 Attempts) of Phase Noise
Measurement for an IF Input Frequency of 225 MHz and fCLK = 2.94912 GHz
with PLL PFD = 61.44 MHz
–120
–124
–128
–132
–122
–126
–130
–134
–136
–138
–140
–142
–144
–146
–148
–150
–152
–154
–156
3
2
0.2
0.4
0.6
0.8
1
ZERO IF FREQUENCY OFFSET (MHz)
–40°C
+25°C
+85°C
Figure 102. Typical Temperature Stability of Clock Synthesizer with the Same
Conditions as Figure 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com