Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 4Page - Analog Devices AD6676EBZ Datasheet HTML 5Page - Analog Devices AD6676EBZ Datasheet HTML 6Page - Analog Devices AD6676EBZ Datasheet HTML 7Page - Analog Devices AD6676EBZ Datasheet HTML 8Page - Analog Devices AD6676EBZ Datasheet HTML 9Page - Analog Devices AD6676EBZ Datasheet HTML 10Page - Analog Devices AD6676EBZ Datasheet HTML 11Page - Analog Devices AD6676EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 8 of 90
CLK± TO SYSREF± TIMING DIAGRAM
CLK+
CLK–
SYSREF+
SYSREF–
tSU_SR
tH_SR
Figure 2. SERDES CLK+ to SYSREF+ Timing
DIGITAL CMOS INPUT/OUTPUT SPECIFICATIONS
VDD1 = VDDL = VDDC = VDDQ = VDDD = VDDHSI = 1.1 V, VDD2 = 2.5 V, VDDIO = 1.8 V, unless otherwise noted.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
CMOS INPUT/OUTPUT LEVELS
Input Voltage High
VIH
VDDIO × 0.65
V
Input Voltage Low
VIL
VDDIO × 0.35
V
Output Voltage High
VOH
SDIO/SDO
IOH = 3 mA
VDDIO × 0.7
V
AGCx
IOH = 0.5 mA
VDDIO × 0.7
V
Output Voltage Low
VOL
SDIO/SDO
IOL = 3 mA
0.4
V
AGCx
VOL
IOL = 0.5 mA
0.4
V
Input Capacitance
1
pF
SPI TIMING
See Figure 148, Figure 149, and Figure 150
SCLK Frequency
fSCLK
25
MHz
SCLK Period
tSCLK
40
ns
SCLK Pulse Width High
tHIGH
10
ns
SCLK Pulse Width Low
tLOW
10
ns
SDIO Setup Time
tDS
2
ns
SDIO Hold Time
tDH
2
ns
SPI_RESET Setup Time1
tSPI_RST
Not shown in Figure 148 to Figure 150
2
ms
SCLK Falling Edge to SDO Valid
Propagation Delay
tACCESS
10
ns
CSB Rising Edge to SDIO High-Z
tZ
10
ns
CSB Fall to SCLK Rise Setup Time
tS
2
ns
SCLK Fall to CSB Rise Hold Time
tH
2
ns
1 This is the time required after a software or hardware reset until SPI access is available again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com