Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 86 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 86 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 82Page - Analog Devices AD6676EBZ Datasheet HTML 83Page - Analog Devices AD6676EBZ Datasheet HTML 84Page - Analog Devices AD6676EBZ Datasheet HTML 85Page - Analog Devices AD6676EBZ Datasheet HTML 86Page - Analog Devices AD6676EBZ Datasheet HTML 87Page - Analog Devices AD6676EBZ Datasheet HTML 88Page - Analog Devices AD6676EBZ Datasheet HTML 89Page - Analog Devices AD6676EBZ Datasheet HTML 90Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 86 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 86 of 90
CLKSYN Enable Register
Address: 0x2A0, Reset: 0x00, Name: CLKSYN_ENABLE
Table 120. Bit Descriptions for CLKSYN_ENALBE
Bits
Bit Name
Description
Reset
Access
7
EN_EXTCK
EXTCK Enable.
0x0
RW
6
EN_ADC_CK
ADC CK Enable.
0x0
RW
5
EN_SYNTH
Synthesizer Enable.
0x0
RW
4
EN_VCO_PTAT
VCO PTAT Enable.
0x0
RW
3
EN_VCO_ALC
VCO ALC Enable.
0x0
RW
2
EN_VCO
VCO Enable.
0x0
RW
1
EN_OVERIDE_CAL
Override Calibration Enable.
0x0
RW
0
EN_OVERIDE
Override Enable.
0x0
RW
CLKSYN Integer N LSB Register
Address: 0x2A1, Reset: 0x80, Name: CLKSYN_INT_N_LSB
Table 121. Bit Descriptions for CLKSYN_INT_N_LSB
Bits
Bit Name
Description
Reset
Access
[7:0]
INT_N_LSB
Lower LSBs of 11-bit Integer-N Value.
0x80
RW
CLKSYN Integer N MSB Register
Address: 0x2A2, Reset: 0x00, Name: CLKSYN_INT_N_MSB
Table 122. Bit Descriptions for CLKSYN_INT_N_MSB
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
0x0
RW
[2:0]
INT_N_MSB
Upper 3 MSBs of 11-bit Integer N Value.
0x0
RW
CLKSYN VCO Calibration RESET Register
Address: 0x2A5, Reset: 0x00, Name: VCO_CAL_RESET
Table 123. Bit Descriptions for VCO_CAL_RESET
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
0x0
RW
3
VCO_CAL_RESET
Reset VCO Calibration.
0
RW
[2:0]
RESERVED
0x0
RW
CLKSYN KVCO VCO Register
Address: 0x2A9, Reset: 0x00, Name: CLKSYN_KVCO
Table 124. Bit Descriptions for CLKSYN_KVCO
Bits
Bit Name
Description
Reset
Access
[7:4]
VCO KVCO VAR
0x0
RW
[3:0]
VCO_ALC_LVL
0xA
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com