Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 87 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 87 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 82Page - Analog Devices AD6676EBZ Datasheet HTML 83Page - Analog Devices AD6676EBZ Datasheet HTML 84Page - Analog Devices AD6676EBZ Datasheet HTML 85Page - Analog Devices AD6676EBZ Datasheet HTML 86Page - Analog Devices AD6676EBZ Datasheet HTML 87Page - Analog Devices AD6676EBZ Datasheet HTML 88Page - Analog Devices AD6676EBZ Datasheet HTML 89Page - Analog Devices AD6676EBZ Datasheet HTML 90Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 87 of 90
CLKSYN VCO Bias Register
Address: 0x2AA, Reset: 0x37, Name: CLKSYN_VCO_BIAS
Table 125. Bit Descriptions for CLKSYN_VCO_BIAS
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
0
RW
[5:4]
BIAS_TEMPCO
VCO Bias Tempco Setting.
0x3
RW
3
RESERVED
0
RW
[2:0]
BIAS
VCO Bias Setting.
0x7
RW
CLKSYN VCO Calibration Register
Address: 0x2AB, Reset: 0xC0, Name: CLKSYN_VCO_CAL
Table 126. Bit Descriptions for CLKSYN_VCO_CAL
Bits
Bit Name
Description
Reset
Access
[7:4]
INIT_ALC_VALUE
Initial Automatic Level Control Value.
0xC
RW
3
ALC_DIS
ALC calibration Test Bit.
0
RW
[2:1]
RESERVED
0
RW
0
ID_SYNTH
Initiates VCO Calibration.
0
RW
CLKSYN Charge Pump Register
Address: 0x2AC, Reset: 0x19, Name: CLKSYN_I_CP
Table 127. Bit Descriptions for CLKSYN_I_CP
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
0x0
RW
[5:0]
I_CP
Charge Pump Current = min(63, 1.33 × 1028/(fPFD × FCLK2) − 1).
0x19
RW
CLKSYN Charge Pump Calibration Register
Address: 0x2AD, Reset: 0x00, Name: EN_CP_CAL
Table 128. Bit Descriptions for EN_CP_CAL
Bits
Bit Name
Description
Reset
Access
[7:6]
EN_CP_CAL
0x0
RW
[6:0]
RESERVED
0x0
RW
CLKSYN VCO Varactor Register
Address: 0x2B7, Reset: 0xD0, Name: CLKSYN_VCO_VAR
Table 129. Bit Descriptions for CLKSYN_VCO_VAR
Bits
Bit Name
Description
Reset
Access
[7:4]
VCO_VAR
VCO Varactor Setting.
0xD0
RW
[3:0]
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com