Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 41Page - Analog Devices AD6676EBZ Datasheet HTML 42Page - Analog Devices AD6676EBZ Datasheet HTML 43Page - Analog Devices AD6676EBZ Datasheet HTML 44Page - Analog Devices AD6676EBZ Datasheet HTML 45Page - Analog Devices AD6676EBZ Datasheet HTML 46Page - Analog Devices AD6676EBZ Datasheet HTML 47Page - Analog Devices AD6676EBZ Datasheet HTML 48Page - Analog Devices AD6676EBZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 45 of 90
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
10.010.010.210.310.410.510.610.710.810.911.0
TIME (µs)
AD6676
ENTERS STANDBY
WITHIN 100ns
Figure 115. Fast Power-Down Response When the AD6676 Is Placed in
Standby
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
14.0 14.5 15.0 15.5 16.0 16.5 17.0 17.5 18.0 18.5 19.0
TIME (µs)
1% SETTLING TIME = 2.5µs
Figure 116. Settling Time for STDBY_FAST with the STBY_VSS2GEN Enabled
for Fastest Recovery, Approximately 2.5 μs to 1 %
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
2
4
6
8
10
12
14
16
18
20
TIME (µs)
1% SETTLING TIME = 11.5µs
Figure 117. Settling Time for STDBY_SLOW with STBY_VSS2GEN in Standby
for Additional Power Savings, Approximately 11.5 μs to 1 %
INTRODUCTION TO THE JESD204B INTERFACE
The JESD204B interface reduces the PCB area for data interface
routing yet enabling the use of smaller packages for converter
and logic devices. The AD6676 digital output complies with the
JEDEC Standard No. JESD204B, Serial Interface for Data
Converters. JESD204B is a protocol to link the AD6676 to a
digital processing device over a serial interface. The AD6676
supports link rates of up 5.333 Gbps while operating with two
output lanes in support of a maximum I/Q data rate (fDATA_IQ)
of 266.67 MSPS. Note that a two output lane configuration is
always required for decimation factors of 12 and 16.
JESD204B Overview
JESD204B data transmit block assembles the parallel data
from the ADC into frames and uses 8-bit/10-bit encoding as
well as optional scrambling to form serial output data. Lane
synchronization is supported through the use of special
characters during the initial establishment of the link and
additional synchronization is embedded in the data stream
thereafter. A JESD204B receiver is required to complete the
serial link. For additional details on the JESD204B interface,
refer to the JESD204B standard.
Because the AD6676 provides 16-bit complex IQ data, its
JESD204B transmit block effectively maps the output of two
virtual ADCs (M = 2) over a link. The link is configurable for
either single or dual lanes with each lane providing a serial data
stream via a differential output. The JESD204B specification
refers to a number of parameters to define the link and these
parameters must match between the AD6676 JESD204B
transmitter and receiver.
The following parameters describe a JESD204B link:
S = samples transmitted per single converter per frame
cycle (AD6676 value = 1)
M = number of converters per converter device (AD6676
value = 2)
L = number of lanes per converter device (AD6676 value
can be 1 or 2)
N = converter resolution (AD6676 value = 16)
N’ = total number of bits per sample (AD6676 value = 16)
CF = number of control words per frame clock cycle per
converter device (AD6676 value = 0)
CS = number of control bits per conversion sample
(AD6676 value = 0)
K = number of frames per multiframe (configurable on the
AD6676 up to 32)
HD = high density mode (AD6676 value = 0)
F = octets per frame (AD6676 value = 2 or 4, dependent on
L = 2 or 1)
T = tail bit (AD6676 value = 0)
SCR = scrambler enable or disable (configurable on the
AD6676)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com