Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 24Page - Analog Devices AD6676EBZ Datasheet HTML 25Page - Analog Devices AD6676EBZ Datasheet HTML 26Page - Analog Devices AD6676EBZ Datasheet HTML 27Page - Analog Devices AD6676EBZ Datasheet HTML 28Page - Analog Devices AD6676EBZ Datasheet HTML 29Page - Analog Devices AD6676EBZ Datasheet HTML 30Page - Analog Devices AD6676EBZ Datasheet HTML 31Page - Analog Devices AD6676EBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 28 of 90
1.0
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
246
10
8
12141618
20
SAMPLES
ZOOM-IN OF LARGE SCALE
SETTLING RESPONSE FOR 1% SETTLING
LARGE SCALE SETTLING
NO OVERLOAD/
RECOVERY
OVERLOAD/
RECOVERY
6 SAMPLES
@ 266.7MSPS
Figure 78. Comparison of Normalized IQ Magnitude Response for Decimate
by 24 Case When a Pulsed CW Waveform (10 ns Width) Is Just Below and
Above Peak Power Level, Resulting in ADC Overload
1.1
1.2
1.0
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
2468
10
12
14
16
18
20
SAMPLES
ZOOM-IN OF LARGE SCALE
SETTLING RESPONSE FOR 1% SETTLING
LARGE SCALE SETTLING
NO OVERLOAD/
RECOVERY
OVERLOAD/
RECOVERY
5 SAMPLES
@ 100MSPS
Figure 79. Comparison of Normalized IQ Magnitude Response for Decimate
by 32 Case When a Pulsed CW Waveform (10 ns Width) Is Just Below and
Above Peak Power Level, Resulting in ADC Overload
Σ-Δ ADC CONFIGURATION CONSIDERATIONS
Maximum Input Power (PIN_0dBFS and IDAC1FS)
The AD6676 maximum full-scale input power (PIN_0dBFS) for
a sinusoidal input signal is dependent on the IDAC1 peak full-
scale output current (IDAC1FS) and the RIN of the attenuator
(that is, 60 Ω) as shown in the equation below.
PIN_0dBFS = 10 × log10(1/2 × RIN × IDAC1FS2)
(2)
The derivation of this equation becomes apparent when
considering the AD6676 input stage consisting of RESON1,
IDAC1, and RIN, as shown in Figure 68. RIN is the input resistance
of the attenuator. The cascode transistor associated with IDAC1
and RIN establishes a low impedance node serving as a current
mode summing junction whereby the input signal (equal to
VIN±/RIN) is compared to the feedback signal from IDAC1.
Note that the feedback loop of the Σ-Δ modulator attempts to
generate an equal but opposite feedback current to cancel the
signal current appearing at this summing junction.
Ultimately, the maximum feedback signal current that can be
generated by IDAC1 is limited by its full-scale setting, IDAC1FS,
thus setting the 0 dBFS level on which feedback can no longer
cancel any further increase in input signal level (or power). For
example, the AD6676 nominal setting for IDAC1FS at 4 mA
equates to a PIN_0dBFS of −3 dBm, resulting in a differential
voltage swing of ±240 mV peak.
Equation 2 assumes that the attenuator setting is 0 dB. Any
setting beyond 0 dB increases the effective PIN_0dBFS measured at
the input of the attenuator by an amount equal to the attenuator
setting.
In practice, the actual measured PIN_0dBFS may vary a few tenths
of a decibel for different application parameter settings due to some
amount of pass band tilt. For this reason, PIN_0dBFS is defined at
the IF center.
LEXT Selection
The range of permissible values for LEXT depends on the following
application parameters: FIF, FADC, and IDAC1FS. Figure 80 shows
the upper and lower settings (LMAX and LMIN) when IDAC1FS is
set to its default settings of 4 mA. Note that the LMAX limit is set
by the largest voltage swing across the LC tank and the LMIN
limit is set by the maximum tuning capacitance available from
an internal capacitor array.
200
5
10
20
15
100
0
100
200
300
400
500
50
150
250
350
450
FIF (MHz)
ABSOLUTE MAXIMUM
MAXIMUM FOR FADC = 3.2GHz
MAXIMUM FOR FADC = 2.6GHz
MAXIMUM FOR FADC = 2.0GHz
MINIMUM
Figure 80. Maximum External Inductor Value as a Function of IF Frequency
and Clock Rate for IDAC1FS = 4 mA
Note the following points when selecting LEXT:
Larger values of LEXT result in larger voltage swings across
the LC tank. Selecting a value that is approximately 55% to
80% of the LMAX value can be considered with a lower value,
typically resulting in improved IMD performance due to
reduced voltage swing across the inductor. Conversely, a
higher value may lead to a slight improvement in noise
performance (mostly near the IF center), but at the expense
of IMD performance.
Inductor accuracy of 10% is sufficient because it falls well
within the calibration range of the AD6676 during its
initialization phase on power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com