Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 10Page - Analog Devices AD6676EBZ Datasheet HTML 11Page - Analog Devices AD6676EBZ Datasheet HTML 12Page - Analog Devices AD6676EBZ Datasheet HTML 13Page - Analog Devices AD6676EBZ Datasheet HTML 14Page - Analog Devices AD6676EBZ Datasheet HTML 15Page - Analog Devices AD6676EBZ Datasheet HTML 16Page - Analog Devices AD6676EBZ Datasheet HTML 17Page - Analog Devices AD6676EBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 14 of 90
NOMINAL PERFORMANCE FOR IF = 140 MHz (μW POINT-TO-POINT RECEIVERS)
FIF = 140 MHz, BW = 56 MHz or 112 MHz, FADC = 3.2 GHz, attenuator = 0 dB, LEXT = 43 nH, maximum PIN_0dBFS setting, fDATA_IQ =
200 MSPS, nominal supplies, shuffler enabled (every clock cycle), with default threshold settings, unless otherwise noted.
0.5
–2.0
–1.5
–1.0
–0.5
0
80
200
170
150
130
190
180
160
140
120
110
100
90
FREQUENCY (MHz)
56MHz BW SETTING
112MHz BW SETTING
Figure 16. IF Pass Band Flatness (Includes Digital Filter)
INPUT FREQUENCY (MHz)
80
90
100 110 120 130 140 150 160 170 180 190 200
–162
–160
–158
–156
–154
–152
–150
–148
–146
–144
BW SETTING OF 112MHz
(IBN = –72.2dBFS)
BW SETTING OF 56MHz
(IBN = –80.5dBFS)
Figure 17. NSD with No Signal, IBN = 112 MHz and 56 MHz
0
–90
–100
–110
–120
–80
–70
–60
–50
–40
–30
–20
–10
40
240
140
60
160
80
180
100
200
120
220
INPUT FREQUENCY (MHz)
NBW = 9.2kHz
IBN = –88dBFS
14MHz
QAM1024
AT –52dBFS
CNR = 36dB
2.5× CH BW =
35MHZ
–19.7dBm CW INTERFERER TONE AT –22dBFS
Figure 18. Spectral Plot of CW Interferer Dynamic Range for QAM1024,
Channel BW = 14 MHz at Sensitivity Level with CW Interferer 30 dB Higher at
35 MHz Offset
5
0
–5
–10
–15
–20
–25
–30
–35
0600
450
350
250
550
500
400
300
200
150
100
50
FREQUENCY (MHz)
56MHz BW SETTING
112MHz BW SETTING
Figure 19. Wideband Frequency Response (Before Digital Filter)
–75
–80
–85
–90
–95
–44
–2
–5
–8
–11
–14
–17
–20
–23
–26
–29
–32
–35
–38
–41
INPUT POWER (dBm)
PIN_0dBFS = –2.7dBm
CH BW = 56MHz
CH BW = 28MHz
CH BW = 14MHz
CH BW = 7MHz
Figure 20. IBN vs. Swept Single Tone Input Power over Channel BW = 7 MHz,
14 MHz, 28 MHz, and 56 MHz, CW Blocker at 350 MHz
0
–90
–100
–110
–120
–130
–80
–70
–60
–50
–40
–30
–20
–10
INPUT FREQUENCY (MHz)
NBW = 9.6kHz
TWO TONES AT
–8dBFS (–10.7dBm)
AT 137.5MHz
AND 142.5MHz
115
120
125
130
135
140
145
150
155
160
165
–101dBFS
–100dBFS
Figure 21. Two-Tone IMD Performance
(f1 = 137.5 MHz, f2 = 142.5 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com