Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 56Page - Analog Devices AD6676EBZ Datasheet HTML 57Page - Analog Devices AD6676EBZ Datasheet HTML 58Page - Analog Devices AD6676EBZ Datasheet HTML 59Page - Analog Devices AD6676EBZ Datasheet HTML 60Page - Analog Devices AD6676EBZ Datasheet HTML 61Page - Analog Devices AD6676EBZ Datasheet HTML 62Page - Analog Devices AD6676EBZ Datasheet HTML 63Page - Analog Devices AD6676EBZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 60 of 90
Figure 143 and Figure 144 show the measured sideband level in
dBc that results if a 1 mV p-p continuous wave tone has frequencies
common among switching regulators are injected onto the 1.1 V
and 2.5 V analog supplies. Note that the sideband level increases
at roughly 6 dB per octave in IF frequency for the 1.1 V supply
domain case because the supply noise results in PM modulation
that affects the clock jitter.
–74
–76
–78
–80
–82
–84
–86
–88
–90
100
200
400
500
300
150
350
450
250
IF INPUT FREQUENCY (MHz)
400MHz
800MHz
1600MHz
3200MHz
Figure 143. Sideband Spur Level for 1 mV p-p, Continuous Wave Tone
Injected on Analog 1.1 V Supply Domain
–94
–96
–98
–100
–102
–104
–106
–108
–110
100
200
400
500
300
150
350
450
250
IF INPUT FREQUENCY (MHz)
400MHz
800MHz
1600MHz
3200MHz
Figure 144. Sideband Spur Level for 1 mV p-p, Continuous Wave Tone
Injected on Analog 2.5 V Supply Domain
On the digital 1.1 V supply, amplitude modulation on the
JESD204B high speed serializer supply (VDDHSI) can
negatively impact the eye opening of the digital data output
stream. For these reasons, low noise LDOs, such as the
ADP1752, that have a worst-case accuracy of 2% over line, load,
and temperature are used for the analog VDD2 and VDD1
supplies. The same regulator is used for the digital VDDD for
its low dropout characteristics, power supply rejection ratio, and
load capability. Although the digital VDDD is used for the less
critical VDDIO supply, a smaller, lower cost regulator such as
the ADP121, can also be used to supply 1.8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com