Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 42 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 42 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 38Page - Analog Devices AD6676EBZ Datasheet HTML 39Page - Analog Devices AD6676EBZ Datasheet HTML 40Page - Analog Devices AD6676EBZ Datasheet HTML 41Page - Analog Devices AD6676EBZ Datasheet HTML 42Page - Analog Devices AD6676EBZ Datasheet HTML 43Page - Analog Devices AD6676EBZ Datasheet HTML 44Page - Analog Devices AD6676EBZ Datasheet HTML 45Page - Analog Devices AD6676EBZ Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 90 page
background image
AD6676
Data Sheet
Rev. D | Page 42 of 90
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
0.050.100.150.200.250.300.350.400.450.50
FREQUENCY NORMALIZED TO
fDATA_IQ
Figure 111. Pass Band Frequency Response of Decimate by 32
0
–120
–100
–80
–60
–40
–20
0
0.050.100.150.200.250.300.350.400.450.50
FREQUENCY NORMALIZED TO
fDATA_IQ
MINIMUM ALIAS ATTENUATION 88dB
Figure 112. Folded Frequency Response of Decimate by 32 Shows Alias
Rejection
AGC FEATURES AND PEAK DETECTION
In receiver applications, it is desirable to have a mechanism to
reliably determine when the converter is about to be overdriven.
The AD6676 Σ-Δ ADC is based on a feedback loop that can be
overdriven into a nonlinear region, resulting in oscillation. This
oscillation persists until the Σ-Δ ADC is reset and the overload
condition is removed. Typically, a receiver lineup employs some
form of AGC that attempts to avoid this scenario.
The AD6676 pipeline latency along with any additional
overhead associated with the host processor (JESD204B Rx
PHY) may limit the ability to design a fast reacting digital-based
AGC required by some applications. For this reason, the
AD6676 includes the AGCx pins that serve as digital input/
outputs to facilitate the implementation of a fast AGC control
loop under the control of the host. The AGC4 and AGC3 pins
can be allocated to provide flag outputs after a programmable
threshold has been exceeded, including an ADC reset event,
while the AGC2 and AGC1 pins can be used to control the on-
chip attenuator. Register 0x18F and Register 0x193 through
Register 0x19E are used for AGC purposes.
Peak Detection and AGC Flags
Peak detection occurs at the output of the second stage decimation
filter, as shown in Figure 103. Detection at this stage represents a
compromise between the accuracy of the peak detector, delay time
and ability to measure large out-of-band signals. At this stage, the
Σ-Δ ADC output signal has been frequency translated to dc and its
out-of-band noise sufficiently filtered for reasonable threshold
detection accuracy down to −12 dBFS peak signal levels. Note that
the peak detector monitors the peak power envelope response of
the IF input signal and calculates the peak power (that is, I2 + Q2)
expressed in dBFS with 12-bit resolution.
Because the peak detector is monitoring the peak power at the
output of the second stage decimation filter, it provides a wider
frequency range than what can be observed in the final IQ data
output. The first stage filter is decimate by 3 or by 4; therefore,
the output of the second stage filter can be 1/6th or 1/8th of FADC.
Figure 113 shows the normalized measurement bandwidth relative
to the output rate of the second stage filter centered about its zero
IF. Table 16 references the measurement bandwidth to fDATA_IQ for
the different decimation factors such that its absolute bandwidth
can be easily determined. For example, the −1 dB bandwidth for an
fDATA_IQ of 100 MSPS with decimate by 24 or by 32 is 200 MHz and
remains at 200 MHz if the decimation factor is reduced to decimate
by 12 or by 16. Any droop occurring at the pass band edges, as well
as the Σ-Δ ADC STF, must be considered when setting thresholds.
0.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
FREQUENCY OFFSET FROM IF CENTER
(NORMALIZED TO FIQ@2ND STAGE FILTER)
–0.35
–0.25
–0.15
–0.05
0.05
0.15
0.25
0.35
Figure 113. Normalized Pass Band Filter Response Seen by the Peak Detector
Table 16. Normalized Measurement Bandwidth of Peak
Detector Relative to Output Data Rate, fDATA_IQ
DEC_
MODE
Decimation
Factor
Normalized Measurement Bandwidth
Relative to
fDATA_IQ
−0.5
dBFS
−1.0
dBFS
−2.0
dBFS
−3.0
dBFS
1
32
1.76
2.00
2.40
2.64
2
24
1.76
2.00
2.40
2.64
3
16
0.88
1.00
1.20
1.32
4
12
0.88
1.00
1.20
1.32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com