Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 19Page - Analog Devices AD6676EBZ Datasheet HTML 20Page - Analog Devices AD6676EBZ Datasheet HTML 21Page - Analog Devices AD6676EBZ Datasheet HTML 22Page - Analog Devices AD6676EBZ Datasheet HTML 23Page - Analog Devices AD6676EBZ Datasheet HTML 24Page - Analog Devices AD6676EBZ Datasheet HTML 25Page - Analog Devices AD6676EBZ Datasheet HTML 26Page - Analog Devices AD6676EBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 23 of 90
THEORY OF OPERATION
OVERVIEW
The AD6676 is a highly integrated and flexible IF subsystem
capable of digitizing IF signals. The ability to tune the IF
frequency and bandwidth allows the Σ-Δ ADC to be optimized
for different applications while trading off bandwidth for dynamic
range. To facilitate its evaluation and design in, a software tool
that is part of the AD6676EBZ development platform must be
used to configure and evaluate the device. This tool saves the
SPI initialization and configuration sequence to a file for later
use. A screenshot of the GUI front panel (see Figure 66) shows the
different user specified application parameters that configure
the AD6676. The following discussion provides more insight
into the device operation and how these application parameters
affect performance.
Figure 66. Screenshot of AD6676 GUI Software Tool that Facilitates Device
Configuration and Evaluation
A functional block diagram of the AD6676 is shown Figure 67.
The focal point of the AD6676 is its continuous time, band-pass
Σ-Δ ADC that operates with a clock rate between 2.0 GHz and
3.2 GHz. An on-chip controller configures the Σ-Δ ADC based
on the user specified application parameters. The Σ-Δ ADC
provides exceptional dynamic range and pass band flatness
within the desired IF span while limiting out-of-band peaking
to less than 0.5 dB. An on-chip clock synthesizer supplies a
2.94 GHz to 3.2 GHz Σ-Δ ADC clock. Alternatively, an external
clock can be supplied for lower clock rates or improved phase
noise performance.
On-chip digital signal processing blocks include a quadrature
digital downconverter (QDDC) followed by selectable decimation
filters supporting decimation factors of 12, 16, 24, or 32. The
QDDC performs a complex shift of the desired IF pass band
such that it is centered about dc, that is, zero IF. Cascaded
decimation filters remove the inherent out-of-band noise of the
ADC along with any other out-of-band signal content such that
the 16-bit complex IQ data is reduced to a more manageable data
rate for transfer to the host via a single or dual lane JESD204B
interface supporting up to 5.333 Gbps lane rates.
The AD6676 also includes features for AGC support and/or level-
planning optimization. AGC support includes the ability to
monitor peak power at the Σ-Δ ADC output or rms power after
the first internal decimation stage. The host can initiate fast AGC
action by configuring various flags whose status are made available
on the AGC4 to AGC1 pins. Flags can be set with programmable
thresholds indicating whether the signal level is above or below
a defined level. A 27 dB attenuator with a step size of 1 dB is
available for IF AGC control or level planning optimization during
initial system calibration. Alternatively, the nominal 0 dBFS
full-scale input power level (PIN_0dBFS) of −2 dBm can be
reduced by up to 12 dB thus further reducing the RF/IF gain
requirements. The SPI programs numerous parameters of the
AD6676, allowing the device to be optimized for a variety of
applications.
L–
L+
RESETB
VDDIO
AGC4, AGC3
AGC2, AGC1
VDD2NV
VSSA
VDD2
VDDD VSSD
SPI
CSB
SCLK
SDIO
SDO
SERDOUT0+
SERDOUT0–
SERDOUT1+
SERDOUT1–
VDDHSI
SYNCINB±
SYSREF±
AGC
SUPPORT
CLOCK
GENERATION
–2.0V
REG
Mx
M = 12,
16, 24,
32
I
Q
QDDC +
NCO
I
Q
BAND-PASS
Σ-∆ ADC
VIN–
VIN+
27dB ATTENUATOR
(1dB STEPS)
CLOCK
SYNTHESIZER
JESD204B
SUBCLASS 1
CONTROL
CLK+ CLK–
VDDC
VDDQ
AD6676
VDDL VDD1
VSS2OUT
VSS2IN
Figure 67. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com