Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 23Page - Analog Devices AD6676EBZ Datasheet HTML 24Page - Analog Devices AD6676EBZ Datasheet HTML 25Page - Analog Devices AD6676EBZ Datasheet HTML 26Page - Analog Devices AD6676EBZ Datasheet HTML 27Page - Analog Devices AD6676EBZ Datasheet HTML 28Page - Analog Devices AD6676EBZ Datasheet HTML 29Page - Analog Devices AD6676EBZ Datasheet HTML 30Page - Analog Devices AD6676EBZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 27 of 90
Σ-Δ ADC Overload and Recovery
The Σ-Δ ADC is a sixth-order modulator employing negative
feedback to reduce the noise contribution of its internal quantizer.
Like any ADC, the quantizer is driven into overload under large
signal conditions, causing its output to be a poor representation
of its input. However, unlike traditional ADCs that operate in
open-loop, a Σ-Δ ADC can be driven into overload with signals
slightly below its 0 dBFS full-scale input level and the feedback
loop can become unstable and may not return to normal operation
when the overload condition is removed. A typical unstable Σ-Δ
ADC produces a digital output that varies between plus or minus
full scale. The AD6676 employs several techniques to solve
these problems.
First, to make the no overload range with continuous wave
tones approach levels near 0 dBFS, the AD6676 uses a 5-bit
quantizer. The AD6676 is specified to remain unconditionally
stable for continuous wave levels below −2 dBFS over its full
operation range, with a typical overload level of −0.5 dBFS. In
practice, the large signal waveform characteristics that determine
the occurrence and duration of its peaks affect the overload
threshold. A continuous wave tone is close to the worst-case
scenario for overload because the peak levels have the highest
probability of occurrence. Alternatively, a signal that has a much
higher crest factor and a more Gaussian-like histogram is less
likely to cause overload due to the short duration of its peak
excursions. For this reason, for systems employing AGC, consider
the waveform characteristics when setting the AGC threshold.
Second, to ensure that the ADC does not become stuck in a self
sustaining overload condition, the AD6676 includes the means
to detect overload, reset the Σ-Δ ADC, and quickly return it to
normal operation. An overload condition is declared if more
than five out of eight samples from the quantizer are equal to a
positive or negative full-scale value. After overload is detected,
the internal nodes within the Σ-Δ ADC are reset to their zero
state and the attenuation setting is temporarily increased by
6 dB. The ADC reset is removed after 16 FADC clock cycles and
over the next 48 FADC clock cycles, the attenuation is returned
to its original value. If the input signal is such that an overload
occurs again, this process repeats until the signal falls within
the no overload range of the Σ-Δ ADC. Although the Σ-Δ
ADC produces good data within 64 FADC clock cycles of the
signal falling within the no overload range, the bad data
associated with an overload event must be flushed out of the
decimation filters before the output of the AD6676 is completely
clean of any memory effects.
Figure 76 to Figure 79 show the measured overload recovery
response for each of the decimation filter modes (DEC_MODE)
when driven by a periodic pulsed CW waveform of 10 ns duration
and 2% duty cycle. The narrow pulse region of the waveform
was set to be only 1 dB higher than the other region with its peak
power adjusted slightly above the overload threshold level
resulting in an occasional overload event.
Each plot compares the envelope response between a pulse that
results in an overload event to a pulse where the Σ-Δ ADC remains
stable and includes a zoom in region showing settling time to
within 1% following the large scale settling plot. Because the
phase response recovers two to three samples before the
envelope response, the phase response is not shown.
Note the following:
The AD6676 was configured for FIF = 300 MHz, BW =
100 MHz, and FADC = 3.2 GHz.
The absolute settling response for any decimation factor scales
with fDATA_IQ. For example, the settling time shown in Figure 77
is an additional seven samples at fDATA_IQ = 200 MSPS, thus
the absolute settling time is 35 ns (7 × 1/200 MSPS).
Selecting a decimation factor of 12 or 16 improves the absolute
settling time because it reduces the additive delay caused
by the last stage decimation filter.
1.0
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
95
97
99
101
103
105
107
109
111
113
115
SAMPLES
ZOOM-IN OF LARGE SCALE
SETTLING RESPONSE FOR 1% SETTLING
LARGE SCALE SETTLING
NO OVERLOAD/
RECOVERY
OVERLOAD/
RECOVERY
7 SAMPLES
@ 266.7MSPS
Figure 76. Comparison of Normalized IQ Magnitude Response for Decimate
by 12 Case When a Pulsed CW Waveform (10 ns Width) Is Just Below and
Above Peak Power Level, Resulting in ADC Overload
1.1
1.2
1.0
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
2468
10
12
14
16
18
20
SAMPLES
ZOOM-IN OF LARGE SCALE
SETTLING RESPONSE FOR 1% SETTLING
LARGE SCALE SETTLING
NO OVERLOAD/
RECOVERY
OVERLOAD/
RECOVERY
7 SAMPLES
@ 200MSPS
Figure 77. Comparison of Normalized IQ Magnitude Response for Decimate
by 16 Case When a Pulsed CW Waveform (10 ns Width) Is Just Below and
Above Peak Power Level, Resulting in ADC Overload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com