Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 37Page - Analog Devices AD6676EBZ Datasheet HTML 38Page - Analog Devices AD6676EBZ Datasheet HTML 39Page - Analog Devices AD6676EBZ Datasheet HTML 40Page - Analog Devices AD6676EBZ Datasheet HTML 41Page - Analog Devices AD6676EBZ Datasheet HTML 42Page - Analog Devices AD6676EBZ Datasheet HTML 43Page - Analog Devices AD6676EBZ Datasheet HTML 44Page - Analog Devices AD6676EBZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 41 of 90
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
0.050.100.150.200.250.300.350.400.450.50
FREQUENCY NORMALIZED TO
fDATA_IQ
Figure 105. Pass Band Frequency Response of Decimate by 12
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
0.050.100.150.200.250.300.350.400.450.50
FREQUENCY NORMALIZED TO
fDATA_IQ
Figure 106. Pass Band Frequency Response of Decimate by 16
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
0.050.100.150.200.250.300.350.400.450.50
FREQUENCY NORMALIZED TO
fDATA_IQ
Figure 107. Pass Band Frequency Response of Decimate by 24
0
–120
–100
–80
–60
–40
–20
0
0.050.100.150.200.250.300.350.400.450.50
FREQUENCY NORMALIZED TO
fDATA_IQ
MINIMUM ALIAS ATTENUATION 85.5dB
Figure 108. Folded Frequency Response of Decimate by 12 Shows Alias
Rejection
0
–120
–100
–80
–60
–40
–20
0
0.050.100.150.200.250.300.350.400.450.50
FREQUENCY NORMALIZED TO
fDATA_IQ
MINIMUM ALIAS ATTENUATION 85.5dB
Figure 109. Folded Frequency Response of Decimate by 16 Shows Alias
Rejection
0
–120
–100
–80
–60
–40
–20
0
0.050.100.150.200.250.300.350.400.450.50
FREQUENCY NORMALIZED TO
fDATA_IQ
MINIMUM ALIAS ATTENUATION 85.5dB
Figure 110. Folded Frequency Response of Decimate by 24 Shows Alias
Rejection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com