Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6676EBZ Datasheet(PDF) 83 Page - Analog Devices

Part # AD6676EBZ
Description  Wideband IF Receiver Subsystem
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6676EBZ Datasheet(HTML) 83 Page - Analog Devices

Back Button AD6676EBZ Datasheet HTML 79Page - Analog Devices AD6676EBZ Datasheet HTML 80Page - Analog Devices AD6676EBZ Datasheet HTML 81Page - Analog Devices AD6676EBZ Datasheet HTML 82Page - Analog Devices AD6676EBZ Datasheet HTML 83Page - Analog Devices AD6676EBZ Datasheet HTML 84Page - Analog Devices AD6676EBZ Datasheet HTML 85Page - Analog Devices AD6676EBZ Datasheet HTML 86Page - Analog Devices AD6676EBZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 90 page
background image
Data Sheet
AD6676
Rev. D | Page 83 of 90
Interface Control 1 Register
Address: 0x1E4, Reset: 0x00, Name: SYNC_PIN
Table 109. Bit Descriptions for SYNC_PIN
Bits
Bit Name
Description
Reset
Access
[7:6]
RESERVED
0x0
RW
5
SYNC_PIN_INV
0 = do not invert SYNCINB pin; SYNCINB is active low.
0x0
RW
1 = invert SYNCINB pin; SYNCINB is active high.
[4:2]
RESERVED
0x0
RW
1
INV_10B
0 = do not invert octets.
0x0
RW
1 = invert all bits in 10-bit octets from framer. Setting the bit to 1 has the same effect
as swapping the differential output data pins.
0
RESERVED
0x0
RW
Interface Test Register
Address: 0x1E5, Reset: 0x00, Name: TEST_GEN
Table 110. Bit Descriptions for TEST_GEN
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
0x0
RW
[5:4]
TEST_GEN_SEL
Test Point.
0x0
RW
00
Insert test data at framer input (16 bits).
01
Insert test data at PHY input (10 bits).
10
Insert test data at scrambler input (8 bits).
[3:0]
TEST_GEN_MODE
Test Mode.
0x0
RW
0000
Normal mode; test disabled.
0001
Alternating checkerboard.
0010
1/0 word toggle.
0011
Long PN sequence.
0100
Short PN sequence.
0101
Repeating user pattern mode.
0110
Single user pattern mode.
0111
Ramp. Note that in single lane mode the Q sample is 1 LSB less than the
I sample. In other words, Q[n] = I[n] – 1 LSB, where n is nth IQ sample.
1000
Modified RPAT sequence.
1001
Not used.
1010
JSPAT sequence.
1011
JTSPAT sequence.
ILAS Count Register
Address: 0x1E6, Reset: 0x00, Name: KF_ILAS
Table 111. Bit Descriptions for KF_ILAS
Bits
Bit Name
Description
Reset
Access
[7:0]
KF_ILAS
Initial Lane Assignment Sequence Count. The ILAS is transmitted (KF_ILAS + 1) times.
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com