Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPMC Datasheet(PDF) 34 Page - Cypress Semiconductor

Part # MB90347CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPMC Datasheet(HTML) 34 Page - Cypress Semiconductor

Back Button MB90347CEPMC Datasheet HTML 30Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 31Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 32Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 33Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 34Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 35Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 36Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 37Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 38Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 33 of 92
MB90340E Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
000060H
Timer Control Status 0
TMCSR0
R/W
16-bit Reload
Timer 0
00000000B
000061H
Timer Control Status 0
TMCSR0
R/W
XXXX0000B
000062H
Timer Control Status 1
TMCSR1
R/W
16-bit Reload
Timer 1
00000000B
000063H
Timer Control Status 1
TMCSR1
R/W
XXXX0000B
000064H
Timer Control Status 2
TMCSR2
R/W
16-bit Reload
Timer 2
00000000B
000065H
Timer Control Status 2
TMCSR2
R/W
XXXX0000B
000066H
Timer Control Status 3
TMCSR3
R/W
16-bit Reload
Timer 3
00000000B
000067H
Timer Control Status 3
TMCSR3
R/W
XXXX0000B
000068H
A/D Control Status 0
ADCS0
R/W
A/D Converter
000XXXX0B
000069H
A/D Control Status 1
ADCS1
R/W
0000000XB
00006AH
A/D Data 0
ADCR0
R
00000000B
00006BH
A/D Data 1
ADCR1
R
XXXXXX00B
00006CH
ADC Setting 0
ADSR0
R/W
00000000B
00006DH
ADC Setting 1
ADSR1
R/W
00000000B
00006EH
Reserved
00006FH
ROM Mirror Function Select
ROMM
W
ROM Mirror
XXXXXXX1B
000070H
to
00008FH
Reserved for CAN Controller 0/1. Refer to “CAN Controllers”
000090H
to
00009AH
Reserved
00009BH
DMA Descriptor Channel Specified
Register
DCSR
R/W
DMA
00000000B
00009CH
DMA Status L Register
DSRL
R/W
00000000B
00009DH
DMA Status H Register
DSRH
R/W
00000000B
00009EH
Address Detect Control Register 0
PACSR0
R/W
Address Match
Detection 0
00000000B
00009FH
Delayed Interrupt Trigger/Release
Register
DIRR
R/W
Delayed Interrupt
XXXXXXX0B
0000A0H
Low-power Mode Control Register
LPMCR
W,R/W
Low Power
Control Circuit
00011000B
0000A1H
Clock Selection Register
CKSCR
R,R/W
Low Power
Control Circuit
11111100B
0000A2H,
0000A3H
Reserved
0000A4H
DMA Stop Status Register
DSSR
R/W
DMA
00000000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com