Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPMC Datasheet(PDF) 67 Page - Cypress Semiconductor

Part # MB90347CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPMC Datasheet(HTML) 67 Page - Cypress Semiconductor

Back Button MB90347CEPMC Datasheet HTML 63Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 64Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 65Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 66Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 67Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 68Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 69Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 70Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 71Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 66 of 92
MB90340E Series
Bit setting: ESCR:SCES = 1, ECCR:SCDE = 0
(TA  40°C to 105°C, VCC 5.0 V 10, fCP24 MHz, VSS 0 V)
Note:
C
L is load capacity value of pins when testing.
t
CP is internal operating clock cycle time (machine clock) . Refer to “Clock Timing”.
Parameter
Symbol
Pin
Condition
Value
Unit
Min
Max
Serial clock cycle time
tSCYC
SCK0 to SCK3
Internal shift clock
mode output pins are
CL
80 pF 1 TTL.
5 tCP
ns
SCK
  SOT delay time
tSHOVI
SCK0 to SCK3,
SOT0 to SOT3
50
50
ns
Valid SIN
 SCK 
tIVSLI
SCK0 to SCK3,
SIN0 to SIN3
tCP + 80
ns
SCK
  Valid SIN hold time
tSLIXI
SCK0 to SCK3,
SIN0 to SIN3
0
ns
Serial clock “H” pulse width
tSHSL
SCK0 to SCK3
External shift clock
mode output pins are
CL
80 pF 1 TTL.
3 tCP - tR
ns
Serial clock “L” pulse width
tSLSH
SCK0 to SCK3
tCP + 10
ns
SCK
  SOT delay time
tSHOVE
SCK0 to SCK3,
SOT0 to SOT3
2 tCP + 60
ns
Valid SIN
 SCK 
tIVSLE
SCK0 to SCK3,
SIN0 to SIN3
30
ns
SCK
  Valid SIN hold time
tSLIXE
SCK0 to SCK3,
SIN0 to SIN3
tCP + 30
ns
SCK fall time
tF
SCK0 to SCK3
10
ns
SCK rise time
tR
SCK0 to SCK3
10
ns
External Shift Clock Mode
SCK0 to SCK3
VIH
VIL
SOT0 to SOT3
0.8 V
2.4 V
tSLOVE
SIN0 to SIN3
VIL
VIH
VIL
VIH
VIH
VIL
tR
tF
tSHSL
tSLSH
tIVSHE
tSHIXE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com