Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPMC Datasheet(PDF) 58 Page - Cypress Semiconductor

Part # MB90347CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPMC Datasheet(HTML) 58 Page - Cypress Semiconductor

Back Button MB90347CEPMC Datasheet HTML 54Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 55Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 56Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 57Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 58Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 59Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 60Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 61Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 62Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 57 of 92
MB90340E Series
Guaranteed PLL operation range
Guaranteed operation range of MB90340E series
* : When using a crystal oscillator or ceramic oscillator, the maximum oscillation clock frequency is 16 MHz
24
5.5
3.5
1.5
4
Guaranteed operation range
Guaranteed PLL operation range
4.0
Guaranteed A/D Converter
operation range
Machine clock fCP (MHz)
24
4.0
16
12
3
4
12
24
External clock fC (MHz) *
x 4
x 3
x 2
x 1
x 1/2
(PLL off)
8
8
Guaranteed oscillation frequency range
1.5
16
x 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com