Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPMC Datasheet(PDF) 86 Page - Cypress Semiconductor

Part # MB90347CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPMC Datasheet(HTML) 86 Page - Cypress Semiconductor

Back Button MB90347CEPMC Datasheet HTML 82Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 83Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 84Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 85Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 86Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 87Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 88Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 89Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 90Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 85 of 92
MB90340E Series
I/O characteristics
(VCCVOH) IOH
VOL IOL
TA  25°C, VCC 4.5 V
TA  25°C, VCC 4.5 V
Automotive VIN VCC
CMOS VIN VCC
TA  25°C
Other than UART-SIN pin and I2C pin
TA  25°C
TTL VIN VCC
CMOS VIN VCC
TA  25°C
UART-SIN pin, I2C pin
TA  25°C
800
300
100
200
IOH (mA)
0
400
500
600
024
7
10
700
1
3
6
5
8
9
1000
300
100
200
IOL (mA)
0
400
500
600
900
700
800
024
7
10
1
3
6
5
8
9
5.0
1.5
0.5
1.0
VCC (V)
0.0
2.0
3.0
3.5
2.5
2.5
3.5
4.5
5.5
6.5
3.0
4.0
5.0
6.0
7.0
4.0
4.5
VIHA
VILA
5.0
2.5
1.5
2.0
VCC (V)
0.0
3.0
4.0
2.5
3.5
4.5
5.5
6.5
4.5
3.5
1.0
0.5
VIHS
VILS
3.0
4.0
5.0
6.0
7.0
2.5
0.8
0.3
0.5
VCC (V)
0.0
1.0
2.0
2.5
3.5
4.5
5.5
6.5
2.3
1.5
1.3
1.8
3.0
4.0
5.0
6.0
7.0
VIHT
VILT
5.0
2.5
0.5
1.0
VCC (V)
0.0
3.0
4.0
4.5
3.5
1.5
2.0
2.5
3.5
4.5
5.5
6.5
3.0
4.0
5.0
6.0
7.0
VIHS
VILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com