Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPMC Datasheet(PDF) 92 Page - Cypress Semiconductor

Part # MB90347CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPMC Datasheet(HTML) 92 Page - Cypress Semiconductor

Back Button MB90347CEPMC Datasheet HTML 85Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 86Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 87Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 88Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 89Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 90Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 91Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 92Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 93Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 92 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 91 of 92
MB90340E Series
15. Major Changes
Spansiion Publication Number: DS07-13747-4E
NOTE: Please see “Document History” about later revised information.
Document History
Page
Section
Change Results

Deleted the part numbers;
MB90F343E(S), MB90F343CE(S)
51
Electrical
Characteristics
Absolute Maximum Ratings
Added “*6” in remark for “L" level maximum output current and “H” level maximum
output current.
Added “*7” in remark for “L" level average output current and “H” level average
output current.
Added “*8” in remark for “L"level average overall output current and “H” level
average overall output current.
52
Added as follows.
“*6:The maximum output current is defined as the peak value of the current of any
one of the corresponding pins.”
“*7:The average output current is defined as the value of the average current
flowing over 100 ms at any one of the corresponding pins.”
“*8:The average total output current is defined as the value of the average current
flowing over 100 ms at all of the corresponding pins.”
Document Title: MB90340E Series F2MC-16LX 16-bit Microcontroller Datasheet
Document Number: 002-04498
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
AKIH
08/23/2010
Migrated to Cypress and assigned document number 002-04498.
No change to document contents or format.
*A
5221535
AKIH
05/04/2016
Updated to Cypress template



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com