Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPMC Datasheet(PDF) 36 Page - Cypress Semiconductor

Part # MB90347CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPMC Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button MB90347CEPMC Datasheet HTML 32Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 33Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 34Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 35Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 36Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 37Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 38Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 39Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 35 of 92
MB90340E Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
0000C4H,
0000C5H
Reserved
0000C6H
External Interrupt Enable 0
ENIR0
R/W
External Interrupt 0
00000000B
0000C7H
External Interrupt Source 0
EIRR0
R/W
XXXXXXXXB
0000C8H
External Interrupt Level Setting 0
ELVR0
R/W
00000000B
0000C9H
External Interrupt Level Setting 0
ELVR0
R/W
00000000B
0000CAH
External Interrupt Enable 1
ENIR1
R/W
External Interrupt 1
00000000B
0000CBH
External Interrupt Source 1
EIRR1
R/W
XXXXXXXXB
0000CCH
External Interrupt Level Setting 1
ELVR1
R/W
00000000B
0000CDH
External Interrupt Level Setting 1
ELVR1
R/W
00000000B
0000CEH
External Interrupt Source Select
EISSR
R/W
00000000B
0000CFH
PLL/Sub clock Control Register
PSCCR
W
PLL
XXXX0000B
0000D0H
DMA Buffer Address Pointer L Register
BAPL
R/W
DMA
XXXXXXXXB
0000D1H
DMA Buffer Address Pointer M Register
BAPM
R/W
XXXXXXXXB
0000D2H
DMA Buffer Address Pointer H Register
BAPH
R/W
XXXXXXXXB
0000D3H
DMA Control Register
DMACS
R/W
XXXXXXXXB
0000D4H
I/O Register Address Pointer L
Register
IOAL
R/W
XXXXXXXXB
0000D5H
I/O Register Address Pointer H
Register
IOAH
R/W
XXXXXXXXB
0000D6H
Data Counter L Register
DCTL
R/W
XXXXXXXXB
0000D7H
Data Counter H Register
DCTH
R/W
XXXXXXXXB
0000D8H
Serial Mode Register 2
SMR2
W,R/W
UART2
00000000B
0000D9H
Serial Control Register 2
SCR2
W,R/W
00000000B
0000DAH
Reception/Transmission Data
Register 2
RDR2/TDR2
R/W
00000000B
0000DBH
Serial Status Register 2
SSR2
R,R/W
00001000B
0000DCH
Extended Communication Control
Register 2
ECCR2
R,W,
R/W
000000XXB
0000DDH
Extended Status Control Register 2
ESCR2
R/W
00000100B
0000DEH
Baud Rate Generator Register 20
BGR20
R/W
00000000B
0000DFH
Baud Rate Generator Register 21
BGR21
R/W
00000000B
0000E0H
to
0000EFH
Reserved for CAN Controller 2. Refer to “CAN Controllers”
0000F0H
to
0000FFH
External



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com