Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPMC Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB90347CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPMC Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB90347CEPMC Datasheet HTML 35Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 36Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 37Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 38Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 39Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 40Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 41Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 42Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 38 of 92
MB90340E Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
007948H
Timer 0/Reload 0
TMR0/TMRLR0
R/W
16-bit Reload
Timer 0
XXXXXXXXB
007949H
R/W
XXXXXXXXB
00794AH
Timer 1/Reload 1
TMR1/TMRLR1
R/W
16-bit Reload
Timer 1
XXXXXXXXB
00794BH
R/W
XXXXXXXXB
00794CH
Timer 2/Reload 2
TMR2/TMRLR2
R/W
16-bit Reload
Timer 2
XXXXXXXXB
00794DH
R/W
XXXXXXXXB
00794EH
Timer 3/Reload 3
TMR3/TMRLR3
R/W
16-bit Reload
Timer 3
XXXXXXXXB
00794FH
R/W
XXXXXXXXB
007950H
Serial Mode Register 3
SMR3
W,R/W
UART3
00000000B
007951H
Serial Control Register 3
SCR3
W,R/W
00000000B
007952H
Reception/Transmission Data
Register 3
RDR3/TDR3
R/W
00000000B
007953H
Serial Status Register 3
SSR3
R,R/W
00001000B
007954H
Extended Communication Control
Register 3
ECCR3
R,W,
R/W
000000XXB
007955H
Extended Status Control Register
ESCR3
R/W
00000100B
007956H
Baud Rate Generator Register 30
BGR30
R/W
00000000B
007957H
Baud Rate Generator Register 31
BGR31
R/W
00000000B
007958H
Serial Mode Register 4
SMR4
W,R/W
UART4
00000000B
007959H
Serial Control Register 4
SCR4
W,R/W
00000000B
00795AH
Reception/Transmission Data
Register 4
RDR4/TDR4
R/W
00000000B
00795BH
Serial Status Register 4
SSR4
R,R/W
00001000B
00795CH
Extended Communication Control
Register 4
ECCR4
R,W,
R/W
000000XXB
00795DH
Extended Status Control Register
ESCR4
R/W
00000100B
00795EH
Baud Rate Generator Register 40
BGR40
R/W
00000000B
00795FH
Baud Rate Generator Register 41
BGR41
R/W
00000000B
007960H
to
00796BH
Reserved
00796CH
Clock Output Enable Register
CLKR
R/W
Clock Monitor
XXXX0000B
00796DH
Reserved
00796EH
CAN Direct Mode Register
CDMR
R/W
CAN Clock sync
XXXXXXX0B
00796FH
CAN Switch Register
CANSWR
R/W
CAN 0/1
XXXXXX00B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com