Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPMC Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # MB90347CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPMC Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button MB90347CEPMC Datasheet HTML 31Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 32Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 33Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 34Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 35Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 36Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 37Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 38Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 34 of 92
MB90340E Series
(Continued)
Address
Register
Abbreviation
Access
Resource name
Initial value
0000A5H
Automatic Ready Function Select
Register
ARSR
W
External Memory
Access
0011XX00B
0000A6H
External Address Output Control
Register
HACR
W
00000000B
0000A7H
Bus Control Signal Selection Register
ECSR
W
0000000XB
0000A8H
Watchdog Control Register
WDTC
R,W
Watchdog Timer
XXXXX111B
0000A9H
Time Base Timer Control Register
TBTC
W,R/W
Time Base Timer
1XX00100B
0000AAH
Watch Timer Control Register
WTC
R,R/W
Watch Timer
1X001000B
0000ABH
Reserved
0000ACH
DMA Enable L Register
DERL
R/W
DMA
00000000B
0000ADH
DMA Enable H Register
DERH
R/W
00000000B
0000AEH
Flash Control Status Register
(Flash memory devices only.
Otherwise reserved)
FMCS
R,R/W
Flash Memory
000X0000B
0000AFH
Reserved
0000B0H
Interrupt Control Register 00
ICR00
W,R/W
Interrupt Control
00000111B
0000B1H
Interrupt Control Register 01
ICR01
W,R/W
00000111B
0000B2H
Interrupt Control Register 02
ICR02
W,R/W
00000111B
0000B3H
Interrupt Control Register 03
ICR03
W,R/W
00000111B
0000B4H
Interrupt Control Register 04
ICR04
W,R/W
00000111B
0000B5H
Interrupt Control Register 05
ICR05
W,R/W
00000111B
0000B6H
Interrupt Control Register 06
ICR06
W,R/W
00000111B
0000B7H
Interrupt Control Register 07
ICR07
W,R/W
00000111B
0000B8H
Interrupt Control Register 08
ICR08
W,R/W
00000111B
0000B9H
Interrupt Control Register 09
ICR09
W,R/W
00000111B
0000BAH
Interrupt Control Register 10
ICR10
W,R/W
00000111B
0000BBH
Interrupt Control Register 11
ICR11
W,R/W
00000111B
0000BCH
Interrupt Control Register 12
ICR12
W,R/W
00000111B
0000BDH
Interrupt Control Register 13
ICR13
W,R/W
00000111B
0000BEH
Interrupt Control Register 14
ICR14
W,R/W
00000111B
0000BFH
Interrupt Control Register 15
ICR15
W,R/W
00000111B
0000C0H
D/A Converter Data 0
DAT0
R/W
D/A Converter
XXXXXXXXB
0000C1H
D/A Converter Data 1
DAT1
R/W
XXXXXXXXB
0000C2H
D/A Control 0
DACR0
R/W
XXXXXXX0B
0000C3H
D/A Control 1
DACR1
R/W
XXXXXXX0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com