Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPMC Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # MB90347CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPMC Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button MB90347CEPMC Datasheet HTML 22Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 23Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 24Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 25Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 26Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 27Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 28Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 29Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 25 of 92
MB90340E Series
13.Stabilization of power supply voltage
A sudden change in the supply voltage may cause the device to malfunction even within the VCC supply voltage operating range.
Therefore, the VCC supply voltage should be stabilized. For reference, the supply voltage should be controlled so that VCC ripple
variations (peak- to-peak values) at commercial frequencies (50 MHz/60 MHz) fall below 10
of the standard V
CC supply voltage
and the coefficient of fluctuation does not exceed 0.1 V/ms at instantaneous power switching.
14.Port 0 to Port 3 Output During Power-on (External-bus Mode)
As shown below, when the power is turned on in External-Bus mode, there is a possibility that output signal of Port 0 to Port 3 might
be unstable irrespective of the reset input.
15.Notes on Using the CAN Function
To use the CAN function, please set the DIRECT bit of the CAN Direct Mode Register (CDMR) to 1.
16.Flash Security Function (except for MB90F346E)
A security bit is located in the area of the flash memory.
If protection code 01H is written in the security bit, the flash memory is in the protected state by security.
Therefore please do not write 01H in this address if you do not use the security function.
Refer to following table for the address of the security bit.
17.Serial Communication
There is a possibility to receive wrong data due to the noise or other causes on the serial communication.
Therefore, design a printed circuit board so as to avoid noise.
Retransmit the data if an error occurs because of applying the checksum to the last data in consideration of receiving wrong data
due to the noise.
Flash memory size
Address of the security bit
MB90F347E
Embedded 1 Mbit Flash Memory
FE0001H
MB90F342E
MB90F349E
Embedded 2 Mbits Flash Memory
FC0001H
MB90F345E
Embedded 4 Mbits Flash Memory
F80001H
Port0 to Port3 outputs
might be unstable
Port0 to Port3 outputs = Hi-Z
Port0 to Port3
VCC
1/2VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com