Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CEPMC Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # MB90347CEPMC
Description  F2MC-16LX 16-bit Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB90347CEPMC Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button MB90347CEPMC Datasheet HTML 11Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 12Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 13Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 14Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 15Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 16Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 17Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 18Page - Cypress Semiconductor MB90347CEPMC Datasheet HTML 19Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 93 page
background image
Document Number: 002-04498 Rev. *A
Page 14 of 92
MB90340E Series
(Continued)
Pin No.
Pin name
I/O
Circuit
type*3
Function
QFP100*1
LQFP100*2
19
17
P43
F
General purpose I/O pin.
IN7
Trigger input pin for input capture.
TX1
TX Output pin for CAN1
(MB90341E/342E/F342E/F345E only)
20
18
P44
H
General purpose I/O pin.
SDA0
Serial data I/O pin for I2C (devices with a C suffix in the part number)
FRCK0
Input pin for the 16-bit Free-run Timer 0
21
19
P45
H
General purpose I/O pin.
SCL0
Serial clock I/O pin for I2C (devices with a C suffix in the part number)
FRCK1
Input pin for the 16-bit Free-run Timer
22
20
P46
H
General purpose I/O pin.
SDA1
Serial data I/O pin for I2C (devices with a C suffix in the part number)
23
21
P47
H
General purpose I/O pin.
SCL1
Serial clock I/O pin for I2C (devices with a C suffix in the part number)
24
22
P50
O
General purpose I/O pin.
AN8
Analog input pin for the A/D converter
SIN2
Serial data input pin for UART2
25
23
P51
I
General purpose I/O pin.
AN9
Analog input pin for the A/D converter
SOT2
Serial data output pin for UART2
26
24
P52
I
General purpose I/O pin.
AN10
Analog input pin for the A/D converter
SCK2
Clock I/O pin for UART2
27
25
P53
I
General purpose I/O pin.
AN11
Analog input pin for the A/D converter
TIN3
Event input pin for the reload timer
28
26
P54
I
General purpose I/O pin.
AN12
Analog input pin for the A/D converter
TOT3
Output pin for the reload timer
29
27
P55
I
General purpose I/O pin.
AN13
Analog input pin for the A/D converter
30, 31
28, 29
P56, P57
J
General purpose I/O pins.
AN14, AN15
Analog input pins for the A/D converter
32
30
AVCC
K
Analog power input pin for the A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com